Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA12230NT Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HA12230NT
Description  Audio Signal Processor for Cassette Deck
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12230NT Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA12230NT Datasheet HTML 1Page - Hitachi Semiconductor HA12230NT Datasheet HTML 2Page - Hitachi Semiconductor HA12230NT Datasheet HTML 3Page - Hitachi Semiconductor HA12230NT Datasheet HTML 4Page - Hitachi Semiconductor HA12230NT Datasheet HTML 5Page - Hitachi Semiconductor HA12230NT Datasheet HTML 6Page - Hitachi Semiconductor HA12230NT Datasheet HTML 7Page - Hitachi Semiconductor HA12230NT Datasheet HTML 8Page - Hitachi Semiconductor HA12230NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
HA12230NT
Rev.6, Nov. 2000, page 4 of 32
Pin Description, Equivalent Circuit
(V
CC = 12 V, Ta = 25°C, No signal, The value in the table show typical value.) (cont)
Pin No.
Pin Name
Note
Equivalent Circuit
Pin Description
12
IREF
V = 1.2 V
Equalizer
reference current
input
2GND
GND pin
27
PB-NF(L)
PB-IN = Vref
180
330 k
VCC
PB-IN
7
PB EQ feed back
5
PB-NF(R)
14
RIP
PBOUT = Vref
GND
VCC
V
NAB output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn