Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12223F Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA12223F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12223F Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA12223F Datasheet HTML 1Page - Hitachi Semiconductor HA12223F Datasheet HTML 2Page - Hitachi Semiconductor HA12223F Datasheet HTML 3Page - Hitachi Semiconductor HA12223F Datasheet HTML 4Page - Hitachi Semiconductor HA12223F Datasheet HTML 5Page - Hitachi Semiconductor HA12223F Datasheet HTML 6Page - Hitachi Semiconductor HA12223F Datasheet HTML 7Page - Hitachi Semiconductor HA12223F Datasheet HTML 8Page - Hitachi Semiconductor HA12223F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
HA12216F/HA12221F Series
Audio Signal Processor for Car Deck
(Decode only Dolby B type NR with PB Amp.)
ADE-207-254E (Z)
6th Edition
Dec. 2000
Description
HA12216F/HA12221F series are silicon monolithic bipolar IC providing Dolby B type noise reduction,
music sensor, PB equalizer system in one chip.
Note: 1. Dolby is a trademark of Dolby Laboratories Licensing Corporation.
A license from Dolby Laboratories Licensing Corporation is required for the use of this IC.
2. HA12221F series does not include Dolby B NR.
Functions
• PB equalizer
× 2 channel
• Music sensor
× 1 channel
• Dolby B NR (Only HA12216F series) × 2 channel
• Line mute (Tape radio) SW
× 2 channel
Features
• Different type of PB equalizer characteristics selection (120 µs/70 µs) is available with fully electronic
control switching built-in.
• Changeable to Forward, Reverse-mode for PB head with fully electronic control switching built-in.
• Available to change music sensing level by external resistor.
• Available to change response of music sensor by external capacitor.
• Music sensing level, built-in switch to change a band (MSG
V).
• NR ON/OFF fully electronic control switching built-in. (Only HA12216F series)
• Line mute (Tape radio) control switching built-in.
• Available to connect direct with MPU.
• These ICs are strong for a cellular phone noise. (18 dB improvement from HA12163)


Similar Part No. - HA12223F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12223F RENESAS-HA12223F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
More results

Similar Description - HA12223F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com