Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12228F Datasheet(PDF) 40 Page - Hitachi Semiconductor

Part # HA12228F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12228F Datasheet(HTML) 40 Page - Hitachi Semiconductor

Back Button HA12228F Datasheet HTML 36Page - Hitachi Semiconductor HA12228F Datasheet HTML 37Page - Hitachi Semiconductor HA12228F Datasheet HTML 38Page - Hitachi Semiconductor HA12228F Datasheet HTML 39Page - Hitachi Semiconductor HA12228F Datasheet HTML 40Page - Hitachi Semiconductor HA12228F Datasheet HTML 41Page - Hitachi Semiconductor HA12228F Datasheet HTML 42Page - Hitachi Semiconductor HA12228F Datasheet HTML 43Page - Hitachi Semiconductor HA12228F Datasheet HTML 44Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
HA12228F/HA12229F
Rev.2, Dec. 2000, page 40 of 51
Frequency (Hz)
EQ Amp. Gain vs. Frequency (HA12229F)
70
50
40
30
20
10
0
60
−10
VCC = 9 V
Fin
→EQOUT
70
µ
120
µ
10
100k
10k
1k
100
1M
Total Harmonic Distortion vs. Frequency (HA12229F)
1
0.01
0.1
0.001
Frequency (Hz)
100
1k
10k
20k
120
µ
70
µ
VCC = 9 V
Fin
→EQOUT
Vout = +20 dB
0 dB = 60 mVrms


Similar Part No. - HA12228F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
More results

Similar Description - HA12228F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com