Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA12228F Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HA12228F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12228F Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA12228F Datasheet HTML 1Page - Hitachi Semiconductor HA12228F Datasheet HTML 2Page - Hitachi Semiconductor HA12228F Datasheet HTML 3Page - Hitachi Semiconductor HA12228F Datasheet HTML 4Page - Hitachi Semiconductor HA12228F Datasheet HTML 5Page - Hitachi Semiconductor HA12228F Datasheet HTML 6Page - Hitachi Semiconductor HA12228F Datasheet HTML 7Page - Hitachi Semiconductor HA12228F Datasheet HTML 8Page - Hitachi Semiconductor HA12228F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
HA12228F/HA12229F
Rev.2, Dec. 2000, page 4 of 51
Pin Description, Equivalent Circuit (V
CC = 9 V single supply, Ta = 25°C, No Signal,
The value in the table shows typical value.) (cont.)
Pin No.
Terminal Name
Note
Equivalent Circuit
Description
25
PBOUT(R)
V = V
CC/2
VCC
GND
V
PB output
6
PBOUT(L)
12
MAOUT
MS amp. output *
1
29
EQOUT(R)
V = V
CC/2
VCC
GND
V
Equalizer output
2
EQOUT(L)
30
M-OUT(R)
V = V
CC/2
V
VCC
GND
Equalizer output for
time constant
1
M-OUT(L)
37
FIN(R)
Equalizer input
(FORWARD)
39
FIN(L)
35
RIN(R)
Equalizer input
(REVERSE)
33
RIN(L)
Note:
1. MS: Music Sensor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn