Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12218F Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA12218F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12218F Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA12218F Datasheet HTML 1Page - Hitachi Semiconductor HA12218F Datasheet HTML 2Page - Hitachi Semiconductor HA12218F Datasheet HTML 3Page - Hitachi Semiconductor HA12218F Datasheet HTML 4Page - Hitachi Semiconductor HA12218F Datasheet HTML 5Page - Hitachi Semiconductor HA12218F Datasheet HTML 6Page - Hitachi Semiconductor HA12218F Datasheet HTML 7Page - Hitachi Semiconductor HA12218F Datasheet HTML 8Page - Hitachi Semiconductor HA12218F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
HA12216F/HA12221F Series
Rev.6, Dec. 2000, page 5 of 53
Pin Description, Equivalent Circuit (V
CC = 9 V, A system of single supply voltage,
Ta = 25°C, No Signal, The value in the show typical value.) (cont)
Pin No.
Terminal Name
Note
Equivalent Circuit
Pin Description
34
FIN (L)
V
Equalizer intput
(Forward)
37
FIN (R)
32
RIN (L)
Equalizer intput
(Reverse)
39
RIN (R)
31
NFI (L)
Negative feedback
40
NFI (R)
10
T/R (Mute)
22 k
GND
100 k
Mode control input
11 *
2
NR ON/OFF
12
120/70
13
F/R
14
S/R (MS G
V)
15
MSOUT
I
100k
200
MS VCC
D GND
MS output (to MPU) *
1
20
MS G
V (R)
V = V
CC/2
V
90k
MS gain terminal *
1
21
MS G
V (S)
35
GND
GND pin
36
Note:
1. MS: Music Sensor
2. Non connection regarding HA12221F series.


Similar Part No. - HA12218F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12218F RENESAS-HA12218F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
More results

Similar Description - HA12218F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com