Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA12226F Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HA12226F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12226F Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA12226F Datasheet HTML 1Page - Hitachi Semiconductor HA12226F Datasheet HTML 2Page - Hitachi Semiconductor HA12226F Datasheet HTML 3Page - Hitachi Semiconductor HA12226F Datasheet HTML 4Page - Hitachi Semiconductor HA12226F Datasheet HTML 5Page - Hitachi Semiconductor HA12226F Datasheet HTML 6Page - Hitachi Semiconductor HA12226F Datasheet HTML 7Page - Hitachi Semiconductor HA12226F Datasheet HTML 8Page - Hitachi Semiconductor HA12226F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
HA12226F/HA12227F
Rev.6, Dec. 2000, page 5 of 86
Pin Description, Equivalent Circuit (V
CC = 12 V, A system of single supply voltage,
Ta = 25
°C, No Signal, The value in the show typical value.) (cont)
Pin No.
Terminal Name
Note
Equivalent Circuit
Pin Description
21
V
CC
V = V
CC
Power supply
50
GND
V = 0 V
GND pin
31, 45, 54
NC
No connection
No connection
15
ALC
ON/OFF
I = 20
µA
22 k
GND
V
I
100 k
Mode control input
16
PB
A/B
17
A
120/70
18
NORM/HIGH
19
B
NORM/CROM
20
BIAS ON/
OFF
22
RM
ON/OFF
23 *
2
NR ON/
OFF
25
LM ON/
OFF
24
REC/PB/PASS
2.5 V
100 k
100 k
+
V
22 k
Mode control input
26
MSOUT
I = 0
µA
V
I
VCC
D GND
MS output (to MPU) *
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn