Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12215F Datasheet(PDF) 15 Page - Hitachi Semiconductor

Part # HA12215F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12215F Datasheet(HTML) 15 Page - Hitachi Semiconductor

Back Button HA12215F Datasheet HTML 11Page - Hitachi Semiconductor HA12215F Datasheet HTML 12Page - Hitachi Semiconductor HA12215F Datasheet HTML 13Page - Hitachi Semiconductor HA12215F Datasheet HTML 14Page - Hitachi Semiconductor HA12215F Datasheet HTML 15Page - Hitachi Semiconductor HA12215F Datasheet HTML 16Page - Hitachi Semiconductor HA12215F Datasheet HTML 17Page - Hitachi Semiconductor HA12215F Datasheet HTML 18Page - Hitachi Semiconductor HA12215F Datasheet HTML 19Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
HA12215F
Rev.5, Oct. 1999, page 15 of 69
BIAS (N)
Pin 33
BIAS (M)
Pin 31
R22
Vbias
R21
R19
BIAS (C)
Pin 32
R20
VEE
Figure 10 External Components of Bias Block
Automatic Level Control
ALC is the input decay rate variable system. It has internal variable resistors of pin 55 (pin 44) by
RECOUT signal that is inputted to pin 9 (pin 34).
The operation is similitude to MS, detected by pin 13.
The signal input pin is pin 56 (pin 43). Resistor R1, R2 and capacitor C2, external components, for the
input circuit are commended as figure 12. There are requested to use value of the block diagram figure for
performance maintenance of S/N, T.H.D. etc.
Figure 11 shows the relation with R1 front RIN point and ROUT.
ALC operation level acts for the center of +4.5 dB at tape position TYPE I, IV and the center of +2.5 dB at
tape position TYPE II, to standard level (300 mVrms).
Then, adopted maximum value circuit, ALC is operated by a large channel of a signal.
ALC ON/OFF can switch it by pin 15. Please do ALC ON, after it does for one time ALC OFF inevitably,
for ALC time to start usefully (when switching PB
→ PASS, when switching PB → PASS), in order to
reset ALC circuit.
RIN
TYPE II
2.5dB
300mV
TYPE I, IV
4.5dB
Figure 11 ALC Operation Level


Similar Part No. - HA12215F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12215F RENESAS-HA12215F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results

Similar Description - HA12215F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com