Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12215F Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA12215F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12215F Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA12215F Datasheet HTML 5Page - Hitachi Semiconductor HA12215F Datasheet HTML 6Page - Hitachi Semiconductor HA12215F Datasheet HTML 7Page - Hitachi Semiconductor HA12215F Datasheet HTML 8Page - Hitachi Semiconductor HA12215F Datasheet HTML 9Page - Hitachi Semiconductor HA12215F Datasheet HTML 10Page - Hitachi Semiconductor HA12215F Datasheet HTML 11Page - Hitachi Semiconductor HA12215F Datasheet HTML 12Page - Hitachi Semiconductor HA12215F Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
HA12215F
Rev.5, Oct. 1999, page 9 of 69
Functional Description
Power Supply Range
HA12215F is designed to operate on split supply.
Table 1
Supply Voltage
Product
V
CC (V)
V
EE (V)
Note
HA12215F
+6.0 to +7.5
–7.5 to –6.0
| V
CC + VEE | < 1.0 V
Note:
The lower limit of supply voltage depends on the line output reference level.
The minimum value of the overload margin is specified as 12 dB by Dolby Laboratories.
Reference Voltage
The reference voltage are provided for the left channel and the right channel separately. The block diagram
is shown as figure 1.
L channel reference
R channel reference
Music sensor reference
+
+
+
VEE
VCC
VEE
VCC
GND
50
49
21
Figure 1 Reference Voltage


Similar Part No. - HA12215F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12215F RENESAS-HA12215F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results

Similar Description - HA12215F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com