Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12209F Datasheet(PDF) 29 Page - Hitachi Semiconductor

Part # HA12209F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12209F Datasheet(HTML) 29 Page - Hitachi Semiconductor

Back Button HA12209F Datasheet HTML 25Page - Hitachi Semiconductor HA12209F Datasheet HTML 26Page - Hitachi Semiconductor HA12209F Datasheet HTML 27Page - Hitachi Semiconductor HA12209F Datasheet HTML 28Page - Hitachi Semiconductor HA12209F Datasheet HTML 29Page - Hitachi Semiconductor HA12209F Datasheet HTML 30Page - Hitachi Semiconductor HA12209F Datasheet HTML 31Page - Hitachi Semiconductor HA12209F Datasheet HTML 32Page - Hitachi Semiconductor HA12209F Datasheet HTML 33Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
HA12209F
Rev.2, Jun. 1999, page 29 of 49
Output Level Vout (dB)
Total Harmonic Distortion vs. Output Level (4)
10
1
0.1
0.01
–20
–15
–10
–50
510
15
20
25
100Hz
1kHz
10kHz
VCC = 12V, RECmode
NR-ON, RIN
→ RECOUT
0dB = 300mVrms (at RECOUT)
Output Level Vout (dB)
Total Harmonic Distortion vs. Output Level (3)
10
1
0.1
0.01
–10
–15
–50
510
15
20
25
100Hz
1kHz
10kHz
VCC = 12V, RECmode
NR-OFF, RIN
→ RECOUT
0dB = 300mVrms (at RECOUT)


Similar Part No. - HA12209F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203 HITACHI-HA12203 Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12204NT HITACHI-HA12204NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12206 HITACHI-HA12206 Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
More results

Similar Description - HA12209F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com