Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12209F Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HA12209F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12209F Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HA12209F Datasheet HTML 7Page - Hitachi Semiconductor HA12209F Datasheet HTML 8Page - Hitachi Semiconductor HA12209F Datasheet HTML 9Page - Hitachi Semiconductor HA12209F Datasheet HTML 10Page - Hitachi Semiconductor HA12209F Datasheet HTML 11Page - Hitachi Semiconductor HA12209F Datasheet HTML 12Page - Hitachi Semiconductor HA12209F Datasheet HTML 13Page - Hitachi Semiconductor HA12209F Datasheet HTML 14Page - Hitachi Semiconductor HA12209F Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
HA12209F
Rev.2, Jun. 1999, page 11 of 49
The sensitivity of Music Sensor
Gv
f1 =
f2 = 25k [Hz]
[Hz]
1
2
π · C26 · 100k
f1
f2
f
Figure 5 Frequency Characteristic of MSIN
Occasion of the external component of figure 4, f1 is 159Hz. A standard level of MS input pin
25.9mVrms, therefore, the sensitivity of music sensor (S) can request it, by lower formulas.
A = MS Amp Gain
B = PB input Gain
× (1/2)*1
C = Sensed voltage
20log (A
× B) = D [dB]
PB input Gain = 21.3 [dB]
S = 20log
S = 14 – D [dB]
[dB]
C
25.9 · A · B
Note: 1. Case of one-sided channel input.
Time Constant of Detection
Figure 6(1) generally shows that detection time is in proportion to value of capacitor C10. But, with
Attack*
2 and Recovery*3 the detection time differs exceptionally.
C10
Function Characteristic of MS (1)
Function Characteristic of MS (2)
Function Characteristic of MS (3)
R12
Recovery
Recovery
Recovery
Attack
Attack
Attack
Input level
Detection level
Figure 6 Function Characteristics of MS
Like the figure 6(2), Recovery time is variably possible by value of resistor R12. But Attack time gets
about fixed value. Attack time has dependence by input level. When a large signal is inputted, Attack time
is short tendency.
Note: 2. Attack :
Non-music
→ Music
3. Recovery : Music
→ Non-music


Similar Part No. - HA12209F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203 HITACHI-HA12203 Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12204NT HITACHI-HA12204NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12206 HITACHI-HA12206 Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
More results

Similar Description - HA12209F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com