Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12207NT Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA12207NT
Description  Audio Signal Processor for Cassette Deck
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12207NT Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA12207NT Datasheet HTML 1Page - Hitachi Semiconductor HA12207NT Datasheet HTML 2Page - Hitachi Semiconductor HA12207NT Datasheet HTML 3Page - Hitachi Semiconductor HA12207NT Datasheet HTML 4Page - Hitachi Semiconductor HA12207NT Datasheet HTML 5Page - Hitachi Semiconductor HA12207NT Datasheet HTML 6Page - Hitachi Semiconductor HA12207NT Datasheet HTML 7Page - Hitachi Semiconductor HA12207NT Datasheet HTML 8Page - Hitachi Semiconductor HA12207NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
HA12207NT
Rev.3, Jun. 1999, page 2 of 27
Pin Description, Equivalent Circuit (V
CC = 10.5V, Vref = 5.6V, Ta = 25°C, No signal,
The value in the table show typical value.)
Pin No.
Pin Name
Note
Equivalent Circuit
Pin Description
1V
CC
V = V
CC
V
CC pin
2
RECOUT (L)
V = Vref
VCC
GND
REC-EQ output
3RECOUT (R)
4
REC-RETURN
V = Vref
V ’= Vref
GND
V’
VCC
I
I
V4
5 pin, 6 pin
REC return
5
PB-IN B (L)
PB B Deck input
6
PB-IN B (R)
7VREF
V = Vref
V’ = V
CC / 2
VCC
GND
V'
10k
10k
V
+
PB-IN
Reference
8
PB-IN A (L)
V = Vref
VCC
V
PB A deck input
9
PB-IN A (R)


Similar Part No. - HA12207NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203 HITACHI-HA12203 Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12204NT HITACHI-HA12204NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12206 HITACHI-HA12206 Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
More results

Similar Description - HA12207NT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12237F RENESAS-HA12237F Datasheet
316Kb / 33P
   Audio Signal Processor for Cassette Deck
HA12230NT RENESAS-HA12230NT Datasheet
325Kb / 34P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12219NT HITACHI-HA12219NT Datasheet
169Kb / 29P
   Audio Signal Processor for Cassette Deck
HA12230NT HITACHI-HA12230NT Datasheet
226Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com