Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA12203NT Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HA12203NT
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12203NT Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA12203NT Datasheet HTML 1Page - Hitachi Semiconductor HA12203NT Datasheet HTML 2Page - Hitachi Semiconductor HA12203NT Datasheet HTML 3Page - Hitachi Semiconductor HA12203NT Datasheet HTML 4Page - Hitachi Semiconductor HA12203NT Datasheet HTML 5Page - Hitachi Semiconductor HA12203NT Datasheet HTML 6Page - Hitachi Semiconductor HA12203NT Datasheet HTML 7Page - Hitachi Semiconductor HA12203NT Datasheet HTML 8Page - Hitachi Semiconductor HA12203NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
HA12203NT/HA12204NT
Rev.3, Jun. 1999, page 5 of 97
Pin No.
Terminal Name
Note
Equivalent Circuit
Pin Description
12
A / B
I = 50µA
V
I
22 k
GND
100 k
Mode control input
13
A120 / 70
14
NORM / HIGH
15
B NORM / CROM
/ METAL
16
BIAS ON / OFF
17
RM ON / OFF
18
NR ON / OFF
20
LM ON / OFF
19
REC / PB / PASS
2.5 V
V
100 k
100 k
22 k
+
Mode control input
21
MSOUT
I = 0µA
V
I
GND
VEE
VCC
MS output
(to MPU)*1)
30
GPCAL
V = GND
V
110 k
2.5 V
GP gain Calibration
terminal
31
RECCAL
V = GND
REC gain calibration
terminal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn