Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA12203NT Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HA12203NT
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12203NT Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA12203NT Datasheet HTML 1Page - Hitachi Semiconductor HA12203NT Datasheet HTML 2Page - Hitachi Semiconductor HA12203NT Datasheet HTML 3Page - Hitachi Semiconductor HA12203NT Datasheet HTML 4Page - Hitachi Semiconductor HA12203NT Datasheet HTML 5Page - Hitachi Semiconductor HA12203NT Datasheet HTML 6Page - Hitachi Semiconductor HA12203NT Datasheet HTML 7Page - Hitachi Semiconductor HA12203NT Datasheet HTML 8Page - Hitachi Semiconductor HA12203NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
HA12203NT/HA12204NT
Rev.3, Jun. 1999, page 4 of 97
Pin No.
Terminal Name
Note
Equivalent Circuit
Pin Description
8
PBOUT (R)
V = GND
VCC
VEE
V
PB output
35
PBOUT (L)
9
RECOUT (R)
V = GND
REC output
34
RECOUT (L)
11
EQOUT (R)
V = GND
Equalizer output
32
EQOUT (L)
28
MAOUT
V = GND
MS Amp output
3
ABO (R)
V = GND
VCC
VEE
12k
15k
V
Time constant pin
for PB equalizer
40
ABO (L)
V = GND
23
BIAS (M)
V = V
CC
0.7V
VCC
V
REC bias current
output
24
BIAS (C)
25
BIAS (N)
22
V
CC
V = V
CC
Power supply
42
GND
V = 0V
GND pin
1V
EE
V = V
EE
Negative power
supply
5, 7, 18,
23, 30,
31, 36
NC
No
connection
only
HA12204
No connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn