Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA12S15-300 Datasheet(PDF) 11 Page - Wall Industries,Inc.

Part # FA12S15-300
Description  300W DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

FA12S15-300 Datasheet(HTML) 11 Page - Wall Industries,Inc.

Back Button FA12S15-300 Datasheet HTML 6Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 7Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 8Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 9Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 10Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 11Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 12Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 13Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 14Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TECHNICAL DATASHEET
WALL INDUSTRIES, INC.
Rev C
FA12S15-300
(888) 597-WALL
www.wallindustries.com
Page 11 of 14
TEST SETUP:
The FA12S15-300 specifications are tested with the following configurations:
Regulation and Efficiency Setup
To ensure that accurate measurement are taken, the voltage measurements are taken directly at the terminals of the module. This
minimizes errors due to contact and trace lengths between the load and the output of the supply. The following diagram is of the test
setup
.
Figure 5: Regulation and Efficiency Probe Setup
Output Ripple Voltage Setup
The module is tested with a 0.1µF ceramic capacitor in parallel with a 10µF tantalum capacitor across the output terminals. Unless
otherwise specified, bandwidth is limited to 20MHZ.
Figure 6: Ripple Voltage Probe Setup


Similar Part No. - FA12S15-300

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
FA12S15-300 WALL-FA12S15-300 Datasheet
180Kb / 4P
   Operation to No Load
FA12S15-300TH WALL-FA12S15-300TH Datasheet
180Kb / 4P
   Operation to No Load
More results

Similar Description - FA12S15-300

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
   300W DC-DC CONVERTER
June 1994
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
   300W DC-DC Converter
FA12S24-300 WALL-FA12S24-300 Datasheet
324Kb / 14P
   300W DC-DC Converter
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
   210 - 300W DC/DC BUS CONVERTER MODULE
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
   Single output DC-DC converter 50W ~ 300W
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
   300W DC/DC
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com