Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12179F Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HA12179F
Description  Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12179F Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HA12179F Datasheet HTML 7Page - Hitachi Semiconductor HA12179F Datasheet HTML 8Page - Hitachi Semiconductor HA12179F Datasheet HTML 9Page - Hitachi Semiconductor HA12179F Datasheet HTML 10Page - Hitachi Semiconductor HA12179F Datasheet HTML 11Page - Hitachi Semiconductor HA12179F Datasheet HTML 12Page - Hitachi Semiconductor HA12179F Datasheet HTML 13Page - Hitachi Semiconductor HA12179F Datasheet HTML 14Page - Hitachi Semiconductor HA12179F Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
HA12179F
Rev.1, Apr. 1994, page 11 of 40
Operating Mode Control
HA12179F provides electronic switching circuits. And each operating mode control are controlled by
parallel data (DC voltage).
Table 2
Threshold Voltage (V
TH)
Pin No.
Lo
Hi
Unit
Test condition
14 15 16 17 18
19
–0.2 to 1.0
3.5 to 5.3
V
Input Pin
Measure
V
Table 3
Switching Truth Table
Pin No.
Lo
Hi
14
NR-OFF
NR-ON
15
PB
REC
16
MUTE-OFF
MUTE-ON
17
120 µ (NORMAL)
70 µ (METAL or CHROME)
18
FORWARD
REVERSE
19
SER (FF or REV)
REP (NORMAL SPEED)
Notes: 1. Each pins are on pulled down with 100 k
Ω internal resistor.
Therefore, it will be low-level when each pins are open.
2. Over shoot level and under shoot level of input signal must be the standardized (High: 5.3 V,
Low: –0.2 V)
3. Reducing pop noise is so much better for 10 k
Ω to 22 kΩ resistor and 1 µF to 22 µF capacitor
shown Fig 2. But the resistor connected to MUTE terminal (pin 16) should be under 10 k
Ω.
INPUT Pin
10 to 22k
MPU
1 to 22
µF
+
Figure 2 Interface for Reduction of Pop Noise


Similar Part No. - HA12179F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12170NT HITACHI-HA12170NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12174 HITACHI-HA12174 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12175 HITACHI-HA12175 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12177 HITACHI-HA12177 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
More results

Similar Description - HA12179F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com