Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12141NT Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA12141NT
Description  Dolby B- and C-Type Noise Reduction System
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12141NT Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA12141NT Datasheet HTML 1Page - Hitachi Semiconductor HA12141NT Datasheet HTML 2Page - Hitachi Semiconductor HA12141NT Datasheet HTML 3Page - Hitachi Semiconductor HA12141NT Datasheet HTML 4Page - Hitachi Semiconductor HA12141NT Datasheet HTML 5Page - Hitachi Semiconductor HA12141NT Datasheet HTML 6Page - Hitachi Semiconductor HA12141NT Datasheet HTML 7Page - Hitachi Semiconductor HA12141NT Datasheet HTML 8Page - Hitachi Semiconductor HA12141NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
HA12141NT, HA12142NT, HA12170NT, HA12161FP, HA12162FP
Rev.3, Jun. 1999, page 5 of 63
Electrical Characteristics (HA12161FP, HA12162FP) (Ta = 25°C, V
CC = 12 V, Unless
otherwise specified)
(Dolby Level = 300 mVrms at TP (PB-mode: TP1, TP3))
Test conditions
Item
Symbol
Min
Typ
Max
Unit P/AUX NR
f (Hz)
Operating
HA12161FP Vopr
7.5
12.0
16.0
V
voltage
HA12162FP
9.5
12.0
16.0
V
Quiescent current
I
CC
12.0
mA
P
OFF —
No signal
Input amp gain
Gv
(IA AUX 1)
18.0
20.0
22.0
dB
AUX1 OFF 1 k
Vin = 0dB
Gv (IA PB) 18.0
20.0
22.0
dB
P
OFF 1 k
B-type NR
B-DEC-2 k –5.8
–4.3
–2.8
dB
P
B
2 k
Vout = –20dB
decode cut
B-DEC-5 k –4.7
–3.2
–1.7
dB
P
B
5 k
Vout = –20dB
C-Type NR
decode cut
C-DEC-1 k
(1)
–7.9
–5.9
–3.9
dB
P
C
1 k
Vout = –20dB
C-DEC-1 k
(2)
–21.6
–19.6
–18.1
dB
P
C
1 k
Vout = –60dB
Signal
HA12161FP Vomax
12.0
13.0
dB
P
OFF 1 k
THD = 1%
V
CC = 7.5V
handling
HA12162FP
12.0
13.0
dB
V
CC = 9.5V
Signal to noise ratio
S/N (PB)
70.0
76.0
dB
P
OFF —
Rg = 10k
CCIR/ARM
Total harmonic distortion THD (OFF) —
0.03
0.15
%
P
OFF 1 k
Vin = 0dB
THD (C)
0.09
0.3
%
P
C
1 k
Vin = 0dB
NR OFF frequency
response
FR-OFF
–4.0
–1.0
+3.0
dB
P
OFF 100 k
Vin = 0dB
Crosstalk
between AUX 1
→PB
CT (AUX
1
→PB)
80.0
dB
P
OFF 1 k
Vin = 0dB
Crosstalk
CT (L
→R) —
85.0
dB
P
OFF 1 k
Vin = 12dB
between channel
CT (R
→L) —
85.0
dB


Similar Part No. - HA12141NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12133MP HITACHI-HA12133MP Datasheet
467Kb / 19P
   PRE,REC,EQUALLZER IC FOR R-DAT
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134A HITACHI-HA12134A Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134AF HITACHI-HA12134AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12135A HITACHI-HA12135A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
More results

Similar Description - HA12141NT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7354SC PANASONIC-AN7354SC Datasheet
122Kb / 12P
   Dolby B/C-type Noise Reduction
logo
Hitachi Semiconductor
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com