Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43938-2205 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43938-2205
Description  10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 14 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

43938-2205 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43938-2205 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
43938-2205
Status:
Active
Overview:
Mini-Fit Sr.™ Power Connectors
Description:
10.00mm Pitch Mini-Fit Sr.™ Plug Housing, Dual Row, Panel Mount, 14 Circuits
Documents:
3D Model
Product Specification PS-42815-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
43938
Application
Power, Wire-to-Wire
Overview
Mini-Fit Sr.™ Power Connectors
Product Name
Mini-Fit Sr.™
UPC
800753009783
Physical
Circuits (maximum)
14
Color - Resin
Black
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
20.000/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
10.00mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
50A
Material Info
Reference - Drawing Numbers
Product Specification
PS-42815-001, RPS-42815-001, RPS-42815-012,
RPS-42815-013, RPS-42815-015
Sales Drawing
SD-43938-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43938Series
Mates With
43914
Use With
42817 Male Terminal and 43980 TPA Clip
This document was generated on 10/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43938-2205

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43938-2205 MOLEX6-43938-2205 Datasheet
185Kb / 3P
   10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 14 Circuits
More results

Similar Description - 43938-2205

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43938-2105 MOLEX11-43938-2105 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 14 Circuits
0439382205 MOLEX6-0439382205 Datasheet
185Kb / 3P
   10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 14 Circuits
43938-2102 MOLEX11-43938-2102 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 8 Circuits
43938-2104 MOLEX11-43938-2104 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 12 Circuits
43938-2203 MOLEX11-43938-2203 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 10 Circuits
43938-2202 MOLEX11-43938-2202 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 8 Circuits
43938-2101 MOLEX11-43938-2101 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 6 Circuits
43938-2103 MOLEX11-43938-2103 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 10 Circuits
43938-2201 MOLEX11-43938-2201 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 6 Circuits
43938-2204 MOLEX11-43938-2204 Datasheet
36Kb / 1P
   10.00mm Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 12 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com