Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB501 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part No. BB501
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

BB501 Datasheet(HTML) 11 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BB501M
11
Sparameter (V
DS = VG1 = 5V, VG2S = 4V, RG = 47kΩ, Zo = 50Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
50
0.974
–2.8
2.40
176.4
0.00057
78.1
0.997
–2.0
100
0.974
–10.0
2.38
172.2
0.00144
82.4
0.998
–4.2
150
0.974
–13.6
2.38
168.4
0.00211
78.7
0.997
–6.0
200
0.965
–16.5
2.37
164.1
0.00316
84.8
0.995
–8.1
250
0.963
–20.0
2.35
160.4
0.00358
76.3
0.994
–10.2
300
0.953
–23.7
2.32
156.8
0.00431
84.0
0.992
–12.2
350
0.947
–26.8
2.30
152.9
0.00503
79.0
0.990
–14.2
400
0.942
–29.6
2.28
148.6
0.00545
76.6
0.987
–16.2
450
0.929
–32.8
2.26
144.9
0.00630
80.3
0.984
–18.1
500
0.923
–35.4
2.21
141.2
0.00646
76.1
0.981
–20.2
550
0.912
–38.5
2.19
137.6
0.00693
73.7
0.977
–22.1
600
0.903
–41.2
2.15
134.2
0.00732
72.9
0.974
–24.1
650
0.886
–44.2
2.12
130.6
0.00729
74.6
0.971
–26.0
700
0.879
–46.8
2.08
127.4
0.00733
72.0
0.967
–27.8
750
0.873
–49.2
2.06
124.3
0.00762
74.5
0.962
–29.7
800
0.859
–52.4
2.03
120.8
0.00756
73.7
0.959
–31.7
850
0.846
–55.4
2.00
117.3
0.00772
75.5
0.955
–33.6
900
0.836
–58.0
1.96
114.3
0.00775
79.6
0.951
–35.5
950
0.827
–60.4
1.93
111.0
0.00801
81.7
0.946
–37.3
1000
0.815
–62.8
1.89
108.0
0.00704
81.0
0.942
–39.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn