Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB501 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. BB501
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

BB501 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BB501M
6
20
16
12
8
4
0
1
234
5
2 V
V
= 1 V
G2S
V
= 5 V
R
= 68 k
Ω
DS
G
4 V
3 V
0
1
234
5
30
24
18
12
6
V
= 5 V
R
= 33 k
Ω
f = 1 kHz
DS
G
4 V
2 V
3 V
V
= 1 V
G2S
0
1
234
5
30
24
18
12
6
V
= 5 V
R
= 47 k
Ω
f = 1 kHz
DS
G
V
= 1 V
G2S
4 V
3 V
2 V
0
1
234
5
30
24
18
12
6
V
= 5 V
R
= 68 k
Ω
f = 1 kHz
DS
G
V
= 1 V
G2S
4 V
3 V
2 V
Drain Current vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1
Gate1 Voltage
V
(V)
G1
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1
Forward Transfer Admittance
vs. Gate1 Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn