Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB403M Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. BB403M
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

BB403M Datasheet(HTML) 5 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BB403M
5
200
150
100
50
0
50
100
150
200
0
1
234
5
25
20
15
10
5
V
= 4 V
V
= V
G2S
G1
DS
330
kΩ
390
kΩ
470
kΩ
560
kΩ
680
kΩ
2.2 MΩ
1.5 MΩ
1 M
820 k
25
20
15
10
5
0
1
234
5
25
20
15
10
5
0
4.0
8.0
1.2
1.6
2.0
V
= 5 V
DS
1.4 V
V
= 4 V
G2S
1.3 V
1.2 V
1.1 V
1.0 V
G2S
V
= 1 V
1.5 V
2 V
2.5 V
4 V
3 V
3.5 V
1.5 V
V
= 0.9 V
G1S
Ambient Temperature
Ta (
°C)
Maximum Channel Power
Dissipation Curve
Typical Output Characteristics
Drain to Source Voltage
V
(V)
DS
Drain Current vs.
Gate1 to Source Voltage
Drain Current vs.
Drain to Source Voltage
Drain to Source Voltage
V
(V)
DS
Gate1 to Source Voltage
V
(V)
G1S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn