Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB304C Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. BB304C
Description  Build in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

BB304C Datasheet(HTML) 2 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BB304C
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DS
12
V
Gate1 to source voltage
V
G1S
+10
–0
V
Gate2 to source voltage
V
G2S
±10
V
Drain current
I
D
25
mA
Channel power dissipation
Pch
100
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage V
(BR)DSS
12
——V
I
D = 200µA, VG1S = VG2S = 0
Gate1 to source breakdown voltage V
(BR)G1SS
+10
V
I
G1 = +10 µA, VG2S = VDS = 0
Gate2 to source breakdown voltage V
(BR)G2SS
±10
——V
I
G2 = +10 µA, VG1S = VDS = 0
Gate1 to source cutoff current
I
G1SS
+100
nA
V
G1S = +9V, VG2S = VDS = 0
Gate2 to source cutoff current
I
G2SS
——
±100
nA
V
G2S = +9V, VG1S = VDS = 0
Gate1 to source cutoff voltage
V
G1S(off)
0.4
1.0
V
V
DS = 5V, VG2S = 4V
I
D = 100µA
Gate2 to source cutoff voltage
V
G2S(off)
0.5
1.0
V
V
DS = 5V, VG1S = 5V
I
D = 100µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn