Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2122B Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # PS2122B
Description  PHASE SHIFTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

PS2122B Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  PS2122B Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION PS2122B Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION PS2122B Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2100 - 2200 MHz
OPTIMIZED BANDWIDTH
PHASE SHIFTER
SURFACE MOUNT MODEL:
PS2122B
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 2 of 3 ]
Data @ 25ºC
0
25
50
75
100
125
150
175
200
2100
2120
2140
2160
2180
2200
Frequency (MHz)
1 Volt
2 Volts
3 Volts
4 Volts
5 Volts
6 Volts
7 Volts
8 Volts
9 Volts
10 Volts
11 Volts
12 Volts
13 Volts
14 Volts
15 Volts
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Control Voltage (Vdc)
2100 MHz
2150 MHz
2200 MHz


Similar Part No. - PS2122B

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
PS2122A SYNERGY-PS2122A Datasheet
321Kb / 3P
   PHASE SHIFTER
More results

Similar Description - PS2122B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
   PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
   PHASE SHIFTER
SPS-1300 SYNERGY-SPS-1300 Datasheet
343Kb / 3P
   PHASE SHIFTER
PS-352 SYNERGY-PS-352 Datasheet
330Kb / 3P
   PHASE SHIFTER
PS-117 SYNERGY-PS-117 Datasheet
319Kb / 3P
   PHASE SHIFTER
PS-901 SYNERGY-PS-901 Datasheet
389Kb / 3P
   PHASE SHIFTER
PS-909 SYNERGY-PS-909 Datasheet
303Kb / 3P
   PHASE SHIFTER
PS-923 SYNERGY-PS-923 Datasheet
374Kb / 3P
   PHASE SHIFTER
PS-927 SYNERGY-PS-927 Datasheet
320Kb / 3P
   PHASE SHIFTER
PS210220B SYNERGY-PS210220B Datasheet
353Kb / 3P
   PHASE SHIFTER
SPS-312 SYNERGY-SPS-312 Datasheet
355Kb / 3P
   PHASE SHIFTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com