Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4AK27 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 4AK27
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AK27 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  4AK27 Datasheet HTML 1Page - Hitachi Semiconductor 4AK27 Datasheet HTML 2Page - Hitachi Semiconductor 4AK27 Datasheet HTML 3Page - Hitachi Semiconductor 4AK27 Datasheet HTML 4Page - Hitachi Semiconductor 4AK27 Datasheet HTML 5Page - Hitachi Semiconductor 4AK27 Datasheet HTML 6Page - Hitachi Semiconductor 4AK27 Datasheet HTML 7Page - Hitachi Semiconductor 4AK27 Datasheet HTML 8Page - Hitachi Semiconductor 4AK27 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4AK27
Silicon N Channel MOS FET
High Speed Power Switching
ADE-208-728 (Z)
1st. Edition
January 1999
Features
• Low on-resistance
R
DS(on) ≤ 0.15Ω, VGS = 10V, ID = 3.0A
• 4V gate drive devices.
• High density mounting
Outline
SP-10
1, 10.
Source
2, 4, 6, 8. Gate
3, 5, 7, 9. Drain
1
2
3
4 5
6
7 8
9
10
G
3
S
G
5
G
7
G
9
S
2
1
D
D
D
D
4
6
8
10


Similar Part No. - 4AK27

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK20 HITACHI-4AK20 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK22 HITACHI-4AK22 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK23 HITACHI-4AK23 Datasheet
40Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
   Silicon N-Channel Power MOS FET Array
More results

Similar Description - 4AK27

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com