Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8J2 Datasheet(PDF) 3 Page - Rohm

Part # SP8J2
Description  Switching (.30V, .4.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J2 Datasheet(HTML) 3 Page - Rohm

  SP8J2 Datasheet HTML 1Page - Rohm SP8J2 Datasheet HTML 2Page - Rohm SP8J2 Datasheet HTML 3Page - Rohm SP8J2 Datasheet HTML 4Page - Rohm SP8J2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SP8J2
Transistors
3/4
Electrical characteristic curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
GATE-SOURCE VOLTAGE :
−VGS (V)
0.001
0.01
0.1
1
10
Fig.1 Typical Transfer Characteristics
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VDS
= −10V
Pulsed
1
10
100
1000
0.1
1
10
DRAIN CURRENT :
−ID (A)
Fig.2 Static Drain-Source On-State
Resistance vs. Drain Current
Ta
=25°C
Pulsed
VGS
= −4V
VGS
= −4.5V
VGS
= −10V
VGS
= −10V
Pulsed
Fig.3 Static Drain-Source On-State
Resistance vs. Drain Current
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
DRAIN CURRENT :
−ID (A)
0.1
1
10
10
100
1000
0.1
1
10
10
100
1000
DRAIN CURRENT :
−ID (A)
Fig.4 Static Drain-Source On-State
vs. Drain Current
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
= −4.5V
Pulsed
0.1
1
10
10
100
1000
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
= −4V
Pulsed
DRAIN CURRENT :
−ID (A)
Fig.5 Static Drain-Source On-State
vs. Drain Current
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE :
−VSD (V)
0.01
0.1
1
10
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=0V
Pulsed
Fig.6 Reverse Drain Current
Source-Drain Current
10
100
1000
10000
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE :
−VDS (V)
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.7 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Crss
Coss
0.01
0.1
1
10
DRAIN CURRENT :
−ID (A)
1
10
1000
10000
100
Ta
=25°C
VDD
= −15V
VGS
= −10V
RG
=10Ω
Pulsed
Fig.8 Switching Characteristics
td (off)
td (on)
tr
tf
Ta
=25°C
VDD
= −15V
ID
= −4.5A
RG
=10Ω
Pulsed
0123456789
10
TOTAL GATE CHARGE : Qg (nC)
0
1
2
3
4
5
6
7
8
Fig.9 Dynamic Input Characteristics


Similar Part No. - SP8J2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
More results

Similar Description - SP8J2

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
   Switching (30V, 4.5A)
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
   Pch -30V -4.5A Power MOSFET
RQ6E045BN ROHM-RQ6E045BN Datasheet
2Mb / 15P
   Nch 30V 4.5A Power MOSFET
RSQ045N03FRA ROHM-RSQ045N03FRA Datasheet
1Mb / 15P
   Nch 30V 4.5A Power MOSFET
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
   Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
RW4E045AJ ROHM-RW4E045AJ Datasheet
2Mb / 14P
   Nch 30V 4.5A Power MOSFET
20190328 - Rev.001
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
RTQ045N03FRA ROHM-RTQ045N03FRA_16 Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RTQ045N03HZG ROHM-RTQ045N03HZG Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RRQ045P03HZG ROHM-RRQ045P03HZG Datasheet
2Mb / 15P
   Pch -30V -4.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com