Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SK318 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. 3SK318
Description  Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

3SK318 Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3SK318
Silicon N-Channel Dual Gate MOS FET
UHF RF Amplifier
ADE-208-600(Z)
1st. Edition
February 1998
Features
• Low noise characteristics;
(NF= 1.4 dB typ. at f= 900 MHz)
• Excellent cross modulation characteristics
• Capable low voltage operation; +B= 5V
Outline
CMPAK-4
1. Source
2. Gate1
3. Gate2
4. Drain
1
4
3
2
Note: Marking is “YB–”.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn