Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SK318 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. 3SK318
Description  Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK318 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  3SK318 Datasheet HTML 1Page - Hitachi Semiconductor 3SK318 Datasheet HTML 2Page - Hitachi Semiconductor 3SK318 Datasheet HTML 3Page - Hitachi Semiconductor 3SK318 Datasheet HTML 4Page - Hitachi Semiconductor 3SK318 Datasheet HTML 5Page - Hitachi Semiconductor 3SK318 Datasheet HTML 6Page - Hitachi Semiconductor 3SK318 Datasheet HTML 7Page - Hitachi Semiconductor 3SK318 Datasheet HTML 8Page - Hitachi Semiconductor 3SK318 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3SK318
5
5
4
3
2
1
0
2
468
10
0
1
23
45
01
23
4
5
Noise Figure vs. Drain to Source Voltage
Drain to Source Voltage
V
(V)
DS
Power Gain vs. Gate2 to Source Voltage
Gate2 to Source Voltage V
(V)
G2S
Noise Figure vs. Gate2 to Source Voltage
Gate2 to Source Voltage V
(V)
G2S
V
= 3 V
I
= 10 mA
f = 900 MHz
G2S
D
5
4
3
2
1
25
20
15
10
5
V
= 3.5 V
f = 900MHz
DS
V
= 3.5 V
f = 900MHz
DS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn