Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43640-0609 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43640-0609
Description  Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 6 Circuits, Glow Wire Compatible
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

43640-0609 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43640-0609 Datasheet HTML 1Page - Molex Electronics Ltd. 43640-0609 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel Mount
No
Pitch - Mating Interface
3.00mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43640-003
Product Specification
PS-43650
Sales Drawing
SD-43640-001
Test Summary
TS-43045-001
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43640-0609

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43640-0609 MOLEX5-43640-0609 Datasheet
254Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Plug Housing, Single Row, without Panel Mount Ears, 6 Circuits
More results

Similar Description - 43640-0609

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43640-0309 MOLEX11-43640-0309 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 3 Circuits, Glow Wire Compatible
43640-0409 MOLEX11-43640-0409 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 4 Circuits, Glow Wire Compatible
43640-0708 MOLEX11-43640-0708 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, with Panel Mount Ears, 7 Circuits, Glow Wire Compatible
43640-0408 MOLEX11-43640-0408 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, with Panel Mount Ears, 4 Circuits, Glow Wire Compatible
43640-0601 MOLEX11-43640-0601 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 6 Circuits
43640-0701 MOLEX11-43640-0701 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 7 Circuits
43640-0301 MOLEX11-43640-0301 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 3 Circuits
43640-0801 MOLEX11-43640-0801 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 8 Circuits
43640-0901 MOLEX11-43640-0901 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 9 Circuits
43640-1001 MOLEX11-43640-1001 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 10 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com