Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U026-016 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U026-016
Description  USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U026-016 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U026-016 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U026-016 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U026-016 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB 2.0 Hi-Speed Active Extension Cable (A M/F)
16-ft.
MODEL NUMBER: U026-016
Description
Tripp Lite's 16-ft. USB 2.0 Extension Cable is a bus powered extension cable that can be used to increase the
length of a device cable without the worry of signal loss and potential performance problems. USB limits a
cable's length to 16ft. Any length above 16 feet requires the use of an active cable such as this one. This cable
has a signal booster built in. The overall cable length can be extended up to 80ft. by daisy-chaining up to 5 of
these active cables. The U026-016 provides up to 150mA of power to the connected device. If your device
requires more than 150mA of power, it will either need to have its own power supply or need to be plugged into a
powered USB 2.0 hub (such as U222-004-R) that is connected to the U026-016. Use a standard 6' 10' or 15'
USB cable to reach the desired distance.
Features
Extend a USB 2.0 signal passed the 16 ft. (5 m.) distance limitation
Works together with standard USB 2.0 cables
Bus powered signal booster
Daisychain up to 5 cables to extend the signal up to 80 ft. passed the 16 ft. (5 m.) distance limitation
The U026-016 provides up to 150mA of power to the connected device. If your device requires more than
150mA of power, it will either need to have its own power supply; or, to be plugged into a powered USB 2.0
hub (such as U222-004-R) that is connected to the U026-016.
Specifications
OVERVIEW
Intended Application
Connecting Peripherals
Cable Type
USB
Highlights
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28/20 AWG data lines
Gold plated contacts provide
superior conductivity for low and
high speed devices (1.5 to 480
Mbps.)
Active extension cable
regenerates USB signal for
extra-long distances: daisy-chain
up to 80-ft. in most applications
System Requirements
A USB 2.0 port and USB 2.0
device are required to achieve
USB 2.0 speeds. A USB 1.1 port
and/or device can be used, but
you will not be able to achieve
USB 2.0 speeds.
The U026-016 provides up to
150mA of power to the
connected device. If your device
requires more than 150mA of
power, it will either need to have
its own power supply; or, to be
plugged into a powered USB 2.0
hub (such as U222-004-R) that is
connected to the U026-016.
Package Includes
16-ft. USB 2.0 Extension Cable
(USB A M/F)
1 / 2


Similar Part No. - U026-016

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
   USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
More results

Similar Description - U026-016

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U026016 TRIPPLITE-U026016 Datasheet
553Kb / 2P
   USB 2.0 Hi-Speed Active Extension Cable (A M-F), 16-ft
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U02610M TRIPPLITE-U02610M Datasheet
516Kb / 2P
   USB 2.0 Hi-Speed Active Extension Repeater Cable (A M-F), 10M (33-ft)
U02620M TRIPPLITE-U02620M Datasheet
505Kb / 2P
   USB 2.0 Hi-Speed Active Extension Repeater Cable (A-A M-F), 20M (65-ft)
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
   USB 2.0 Extension Cable (A M/F) 16-ft.
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
   USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com