Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SK186 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 3SK186
Description  Silicon N-Channel Dual Gate MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK186 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  3SK186 Datasheet HTML 1Page - Hitachi Semiconductor 3SK186 Datasheet HTML 2Page - Hitachi Semiconductor 3SK186 Datasheet HTML 3Page - Hitachi Semiconductor 3SK186 Datasheet HTML 4Page - Hitachi Semiconductor 3SK186 Datasheet HTML 5Page - Hitachi Semiconductor 3SK186 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3SK186
3
Maximum Channel Power
Dissipation Curve
Ambient Temperature Ta (
°C)
200
300
100
0
50
100
150
Typical Output Characteristics
Drain to Source Voltage VDS (V)
20
16
12
8
4
02
6
10
VG1S = 0 V
VG2S = 3 V
48
1.6
1.4
1.0
0.8
0.6
0.4
0.2
1.2
Drain Current vs. Gate 1
to Source Voltage
Gate 1 to Source Voltage VG1S (V)
20
16
12
8
4
0
0
–0.8
1.6
3.2
0.8
2.4
VG2S = 0.5 V
VDS = 4 V
3
2
1.0
1.5
2.5
Drain Current vs. Gate 2
to Source Voltage
Gate 2 to Source Voltage VG2S (V)
20
16
12
8
4
0
0.8
2.4
4.0
1.6
3.2
VG1S = 0
VDS = 4 V
1.5
1.75
1.25
0.75
0.25
0.5
1.0


Similar Part No. - 3SK186

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3SK180 SANYO-3SK180 Datasheet
123Kb / 4P
   High-Frequency General-Purpose Amp Applications???
3SK181 SANYO-3SK181 Datasheet
478Kb / 7P
   High-Frequency General-Purpose Amp Applications
3SK189 SANYO-3SK189 Datasheet
105Kb / 4P
   UHF Amp,Mixer Applications
More results

Similar Description - 3SK186

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com