Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW150-Q7 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TW150-Q7
Description  150W Multiple Outputs AC/DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TW150-Q7 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TW150-Q7 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TW150-Q7 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TW150-Q7 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TW150 Series
150W Multiple Outputs AC/DC Power Supplies
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
.
n
i
M
d
a
o
L
e
p
y
T
B
C
P
n
e
p
O
e
p
y
T
t
e
k
c
a
r
B
-
U
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
&
e
l
p
p
i
R
e
s
i
o
N
*
)
p
-
p
V
(
n
o
i
t
c
e
v
n
o
C
@
r
i
A
d
e
c
r
o
F
M
F
C
0
3
@
n
o
i
t
c
e
v
n
o
C
@
r
i
A
d
e
c
r
o
F
M
F
C
0
3
@
d
a
o
L
.
x
a
M
d
e
n
i
b
m
o
C
.
x
a
M
d
a
o
L
r
e
w
o
P
.
x
a
M
d
a
o
L
.
x
a
M
d
e
n
i
b
m
o
C
.
x
a
M
d
a
o
L
r
e
w
o
P
.
x
a
M
d
a
o
L
.
x
a
M
d
e
n
i
b
m
o
C
.
x
a
M
d
a
o
L
r
e
w
o
P
.
x
a
M
d
a
o
L
.
x
a
M
d
e
n
i
b
m
o
C
.
x
a
M
d
a
o
L
r
e
w
o
P
.
x
a
M
S
T
U
P
T
U
O
L
A
U
D
1
D
-
0
5
1
W
T
V
2
1
+A
5
1
.
0A
6
-W
0
2
1
A
5
.
7
-W
0
5
1
A
6
-W
0
2
1
A
5
.
7
-W
0
5
1
%
5
±V
m
0
2
1
V
4
2
+A
5
1
.
0A
5
.
3A
5
.
4A
5
.
3A
5
.
4%
5
±V
m
0
4
2
2
D
-
0
5
1
W
T
V
5
+A
0A
0
1
-W
0
2
1
A
2
1
-W
0
5
1
A
0
1
-W
0
2
1
A
2
1
-W
0
5
1
%
5
±V
m
0
5
V
4
2
+A
5
1
.
0A
5
.
3A
5
.
4A
5
.
3A
5
.
4%
5
±V
m
0
4
2
3
D
-
0
5
1
W
T
V
5
+A
0A
0
1
-W
0
2
1
A
2
1
-W
0
5
1
A
0
1
-W
0
2
1
A
2
1
-W
0
5
1
%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
S
T
U
P
T
U
O
E
L
P
I
R
T
1
T
-
0
5
1
W
T
V
5
+A
0A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
V
4
2
+A
5
1
.
0A
5
.
3A
5
.
4A
5
.
3A
5
.
4%
5
±V
m
0
4
2
2
T
-
0
5
1
W
T
V
3
.
3
+A
0A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
%
5
±V
m
0
5
V
5
+A
0A
0
1A
2
1A
0
1A
2
1%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
3
T
-
0
5
1
W
T
V
3
.
3
+A
0A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
%
5
±V
m
0
5
V
5
+A
0A
0
1A
2
1A
0
1A
2
1%
5
±V
m
0
5
V
4
2
+A
5
1
.
0A
5
.
3A
5
.
4A
5
.
3A
5
.
4%
5
±V
m
0
4
2
S
T
U
P
T
U
O
D
A
U
Q
1
Q
-
0
5
1
W
T
V
3
.
3
+A
0A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
%
5
±V
m
0
5
V
5
+A
0A
0
1A
2
1A
0
1A
2
1%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
V
4
2
+A
5
1
.
0A
5
.
3A
5
.
4A
5
.
3A
5
.
4%
5
±V
m
0
4
2
2
Q
-
0
5
1
W
T
V
3
.
3
+A
0A
0
1
W
5
0
1
W
0
2
1
A
2
1
W
5
2
1
W
0
5
1
A
0
1
W
5
0
1
W
0
2
1
A
2
1
W
5
2
1
W
0
5
1
%
5
±V
m
0
5
V
5
+A
0A
0
1A
2
1A
0
1A
2
1%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
V
2
1
-A
5
1
.
0A
5
.
1A
5
.
2A
5
.
1A
5
.
2%
8
±V
m
0
2
1
3
Q
-
0
5
1
W
T
V
3
.
3
+A
0A
0
1
W
5
0
1
W
0
2
1
A
2
1
W
5
2
1
W
0
5
1
A
0
1
W
5
0
1
W
0
2
1
A
2
1
W
5
2
1
W
0
5
1
%
5
±V
m
0
5
V
5
+A
0A
0
1A
2
1A
0
1A
2
1%
5
±V
m
0
5
V
5
1
+A
5
1
.
0A
5
.
2A
5
.
3A
5
.
2A
5
.
3%
5
±V
m
0
5
1
V
5
1
-A
5
1
.
0A
5
2
.
1A
5
7
.
1A
5
2
.
1A
5
7
.
1%
8
±V
m
0
5
1
4
Q
-
0
5
1
W
T
V
3
.
3
+A
0A
0
1
W
5
0
1
W
0
2
1
A
2
1
W
5
2
1
W
0
5
1
A
0
1
W
5
0
1
W
0
2
1
A
2
1
W
5
2
1
W
0
5
1
%
5
±V
m
0
5
V
5
+A
0A
0
1A
2
1A
0
1A
2
1%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
V
8
4
+A
5
1
.
0A
5
.
0A
1A
5
.
0A
1%
8
±V
m
0
8
4
5
Q
-
0
5
1
W
T
V
5
+A
0A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
V
4
2
+A
5
1
.
0A
5
.
3A
5
.
4A
5
.
3A
5
.
4%
5
±V
m
0
4
2
V
2
1
-A
5
1
.
0A
5
.
1A
5
.
1A
5
.
1A
5
.
1%
5
±V
m
0
2
1
6
Q
-
0
5
1
W
T
V
5
+A
0A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
V
4
2
+A
5
1
.
0A
5
.
3A
5
.
4A
5
.
3A
5
.
4%
5
±V
m
0
4
2
V
5
1
-A
5
1
.
0A
1A
1A
1A
1%
8
±V
m
0
5
1
7
Q
-
0
5
1
W
T
V
3
.
3
+A
0A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
A
0
1
W
5
7
W
0
2
1
A
2
1
W
0
9
W
0
5
1
%
5
±V
m
0
5
V
5
+A
0A
0
1A
2
1A
0
1A
2
1%
5
±V
m
0
5
V
2
1
+A
5
1
.
0A
6A
5
.
7A
6A
5
.
7%
5
±V
m
0
2
1
V
8
2
+A
5
1
.
0A
3A
4A
3A
4%
5
±V
m
0
8
2
MODELS LIST
* Peak-to-peak with 20MHz bandwidth with a tantalum 10µF in parallel with 0.1µF ceramic capacitor.
Ordering Information: Add suffix "B" to the P/N to order unit with U-bracket, e.g. TW150-T1B.


Similar Part No. - TW150-Q7

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW1500 TALLYSMAN-TW1500 Datasheet
553Kb / 2P
   TW1500 Dual Feed Embedded Globalstar??Antenna
logo
Topstek Inc.
TW150A TOPSTEK-TW150A Datasheet
122Kb / 2P
   Topstek Current Transducers
More results

Similar Description - TW150-Q7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Tumbler Technologies + ...
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
   150W ITE Grade AC/DC Switching Power Supplies
logo
MicroPower Direct, LLC
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWA150 TRUMPOWER-TWA150 Datasheet
120Kb / 1P
   150W AC/DC Power Adapters
logo
MicroPower Direct, LLC
MPA150 MPD-MPA150 Datasheet
387Kb / 2P
   Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
   150W ITE POWER SUPPLIES
2022.10
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com