Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWM180-19 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TWM180-19
Description  180W Medical Grade AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM180-19 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TWM180-19 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM180-19 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Dimensions in mm
2. Tolerance: ±0.5mm
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TWM180 Series
180W Medical Grade AC/DC Power Supplies
#TWM180_2014-02-20
INPUT & OUTPUT CONNECTORS
CN1: Input Connector
JST B3P-VH-B (3.96mm pitch) or equivalent;
mates with JST VHR-3N or equivalent.
CN2: Output Connector
JST B6P-VH-B (3.96mm pitch) or equivalent;
mates with JST VHR-6N or equivalent.
#
n
i
P
n
o
i
t
c
n
u
F
1l
a
r
t
u
e
N
C
A
2e
n
i
L
C
A
#
n
i
P
n
o
i
t
c
n
u
F
3
,
2
,
1N
T
R
6
,
5
,
4o
V
+
MECHANICAL SPECIFICATIONS


Similar Part No. - TWM180-19

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TWM10 OHMITE-TWM10 Datasheet
481Kb / 2P
   Ceramic Housed Radial Terminal Power
TWM10 OHMITE-TWM10 Datasheet
461Kb / 2P
   Wide resistance range
TWM10JR05E OHMITE-TWM10JR05E Datasheet
111Kb / 1P
   Ceramic Housed Radial Terminal Power
logo
Tumbler Technologies + ...
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
   Medical Grade 15W Wall Mount Power Adapters
TWM15-05-X TRUMPOWER-TWM15-05-X Datasheet
161Kb / 2P
   Medical Grade 15W Wall Mount Power Adapters
More results

Similar Description - TWM180-19

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
   360W Medical Grade AC/DC Power Supplies
TWM250 TRUMPOWER-TWM250 Datasheet
108Kb / 2P
   250W Medical Grade AC/DC Power Supplies
TWM500 TRUMPOWER-TWM500 Datasheet
415Kb / 4P
   500W Medical Grade AC/DC Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
   65W Medical & ITE Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
   150 Watts AC/DC Medical & ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
   280W Medical and ITE Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com