Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWA150-19 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWA150-19
Description  150W AC/DC Power Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWA150-19 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWA150-19 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
170
Top View
85.0
44.0
Side View
4X Rubber Foot
Bottom View
Rear View
2.0
DC Output Cable
Front View
TWA150 Series
150W AC/DC Power Adapters
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA
• 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT & OUTPUT SPECIFICATIONS
Input Voltage ............................... 90 to 264 VAC
Input Frequency .......................... 47 to 63 Hz
Input Current .............................. 2.5A (rms) max. @ 90 VAC;
1.25A (rms) max. @ 264 VAC
No Load Power Consumption .... <0.5W
Output Voltage & Current ........... See table
Output Power .............................. 150W max.
Output Voltage Regulation ......... +5% / -2%
Ripple and Noise ....................... See table
Short-Circuit Protection .............. Yes, Auto recovery
Overload Protection ................... Yes, Auto recovery
Overvoltage Protection ............... Latch & shutdown, AC recycle
GENERAL SPECIFICATIONS
Switching Frequency ................... 50 to 125 KHz
Efficiency .................................... 87% minimum at average load,
115 VAC/230 VAC input
Power Factor .............................. >0.95 @ 115 VAC, >0.90 @
230 VAC at full load
Hold-up Time ............................. >20 ms typical at full load,
115 VAC input
Inrush Current ............................ 65A peak @ 115 VAC,
130A peak @ 264 VAC,
cold start @ 25°C
Withstand Voltage
3,000 VAC, input to output
1,500 VAC, input to ground
500 VAC, output to ground
MTBF ........................................... >140,000 hours at full load
and 25°C ambient, calculated
per MIL-HDBK-217F
FEATURES
• 12-26V, 33-39V, 44-52V Outputs Available
• Up to 150W Continuous Output Power
• 0.9 to 0.95 Power Factor
• No Load Power Consumption < 0.5W
• CEC, Energy Star, ERP& EISA Efficiency Level V Compliant
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ............. 0°C to +60°C ambient
Derating
Derate from 100% at +40°C
linearly to 50% at +60°C
Storage Temperature ................. -10°C to +85°C
Operating Humidity .................... 20% to 90%
STANDARDS & COMPLIANCES
EMC Standards ..................... FCC/EN 55022/CISPR22, Class B
Safety Standards ................... UL 60950-1, EN/IEC 60950-1,
CSA C22.2 No. 60950-1
Agency Approvals .................. UL, cUL, TUV, CB, CE (LVD)
Other Compliances
CEC, Energy Star, ERP & EISA
efficiency level V, RoHS
#TWA150-2011-1205
Notes:
1. Dimensions in mm
2. Tolerance: ±0.5mm
3. Output cable: 1,050 mm; AWM 1571 #14 AWG on 12-24V models,
AWM 1185 #16 AWG on 36-48V models.
4. Mating connector: Kycon P/N KPJX-4S-S or equivalent
MODELS LIST
*Measured at output within 20 MHz bandwidth, at rated line voltage and output
load range, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic
capacitor across the output.
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
&
e
l
p
p
i
R
*
)
p
-
p
V
(
e
s
i
o
N
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
2
1
-
0
5
1
A
W
T
V
2
1A
7
6
.
1
1V
m
0
4
2W
0
4
1
5
1
-
0
5
1
A
W
T
V
5
1A
0
1V
m
0
0
3W
0
5
1
9
1
-
0
5
1
A
W
T
V
9
1A
9
.
7V
m
0
8
3W
0
5
1
4
2
-
0
5
1
A
W
T
V
4
2A
5
2
.
6V
m
0
8
4W
0
5
1
6
3
-
0
5
1
A
W
T
V
6
3A
7
1
.
4V
m
0
8
4W
0
5
1
8
4
-
0
5
1
A
W
T
V
8
4A
3
1
.
3V
m
0
8
4W
0
5
1
R
O
T
C
E
N
N
O
C
T
U
P
T
U
O
N
I
P
N
O
I
T
C
N
U
F
1
V
+
2
N
R
U
T
E
R
3
V
+
4
N
R
U
T
E
R
L
L
E
H
S
D
N
U
O
R
G
C
A
&
N
R
U
T
E
R


Similar Part No. - TWA150-19

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
TWA250-12 TRUMPOWER-TWA250-12 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
TWA250-16 TRUMPOWER-TWA250-16 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
TWA250-19 TRUMPOWER-TWA250-19 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
More results

Similar Description - TWA150-19

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TW150 TRUMPOWER-TW150 Datasheet
267Kb / 3P
   150W Multiple Outputs AC/DC Power Supplies
logo
List of Unclassifed Man...
ACE716 ETC1-ACE716 Datasheet
93Kb / 1P
   RUGGED AC/DC INPUT 150W POWER SUPPLY
logo
Toppower Electronic Tec...
TPCLR-150-XS TOPPOWER-TPCLR-150-XS Datasheet
815Kb / 4P
   150W Wide input AC/DC switching power supply
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Tumbler Technologies + ...
TRW30 TRUMPOWER-TRW30 Datasheet
77Kb / 1P
   30 Watts AC/DC Wall Mount Power Adapters
logo
Dialog Semiconductor
IW656 DIALOG-IW656 Datasheet
498Kb / 8P
   USB Power Delivery Controller for AC/DC Power Adapters
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
logo
Toppower Electronic Tec...
TPC-150-XS TOPPOWER-TPC-150-XS Datasheet
524Kb / 4P
   150W Wide input AC/DC switching power supply
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
logo
Tumbler Technologies + ...
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
   150W ITE Grade AC/DC Switching Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com