Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRA42-D13-x Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TRA42-D13-x
Description  42 Watt, 1-2 Output Desktop Power Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TRA42-D13-x Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TRA42-D13-x Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
90 to 264 VAC universal input
IEC 320/C14, C6, or C8 inlet
Class I or class II insulation
Single and dual outputs
CEC efficiency level V compliance
ELECTRICAL SPECIFICATIONS
Input Voltage...........................................…......90~264 VAC
Input Frequency.....................................................47-63 Hz
Input Current.........……………...……….........1.2A (rms) Max.
Output Voltage………………..........................See model list
Voltage Regulation……………........Single Output ± 5% Max.
Dual Output: 3.3V ± 7% max, others ± 5% Max.
Output Wattage…………....………...………...........42W Max.
Output Protections............OVP, OLP, short circuit protection
Withstand Voltage.......................Class II: 3000 VAC, I/P-O/P
Class I: 4242 VDC, I/P-O/P; 2121 VDC , I/P-FG
Efficiency.........85% Min. @ fill load on single output models
75% Min. @ full load on dual output models
CEC Level V Compliance.....................Single output models
Standby power @ no load....<0.5 W on single output models
ENVIRONMENTAL SPECIFICATIONS
Storage Temperature……………..………........-20°C to +85°C
Operating Temperature………...……....…..…-10°C to +50°C
Derating.....derate from 100% @40°C linearly to 75% @50°C
Operating Humidity.............20% to 90% RH non-condensing
MTBF.............................100,000 hours minimum at full load
and 25°C ambient calculated per MIL-HDBK-217
SAFETY & EMC SPECIFICATIONS
Safety Approvals….................….IEC/UL/EN60950-1,CE, CB
EMC....................EN55022, CISPR22, FCC Part 15 Class B,
EN61000-3-2/-3, EN61000-4-2/-3/-4/-5/-6/-8/-11,
EN55024
* AC Inlet Code: x = 4 for C14 (class I), x = 6 for C6 (class II), x = 8 for C8 (class I)
* On dual output models, each output can load to it’s maximum current, however
the total power shall not exceed the maximum allowable output wattage.
* Contact us for output connector options.
42 Watt, 1-2 Output Desktop Power Adapters
TRA42 Series
TRUMPower
MECHNICAL SPECIFICATIONS
T
TT
T
Tumb
umb
umb
umb
umbler
ler
ler
ler
ler T
TT
T
Tec
ec
ec
ec
echnolo
hnolo
hnolo
hnolo
hnologies +
gies +
gies +
gies +
gies + TR
TR
TR
TR
TRUMP
UMP
UMP
UMP
UMPooooow
w
w
w
wer
er
er
er
er
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
Fax: 408-988-6622
email: sales@trumpower.com
Website: www.TRUMPower.com
CB
1200 ± 30
117 ± 0.5
UL 1185 BLACK
53 ± 0.5
53 ± 0.5
53 ± 0.5
*
.
o
N
t
r
a
P
1
#
t
u
p
t
u
O
2
#
t
u
p
t
u
O
*
.
x
a
M
t
u
p
t
u
O
)
W
(
C
E
C
S
P
L
e
g
a
t
l
o
V
)
V
(
t
n
e
r
r
u
C
)
A
(
e
g
a
t
l
o
V
)
V
(
t
n
e
r
r
u
C
)
A
(
G
x
-
2
1
S
-
2
4
A
R
T4
1
-
1
10
.
3
-
8
.
3A
/
NA
/
N2
4
G
x
-
5
1
S
-
2
4
A
R
T7
1
-
4
17
4
.
2
-
0
.
3A
/
NA
/
N2
4
G
x
-
8
1
S
-
2
4
A
R
T1
2
-
7
10
.
2
-
7
4
.
2A
/
NA
/
N2
4
G
x
-
4
2
S
-
2
4
A
R
T7
2
-
1
26
5
.
1
-
0
.
2A
/
NA
/
N2
4
G
x
-
0
3
S
-
2
4
A
R
T3
3
-
7
27
2
.
1
-
6
5
.
1A
/
NA
/
N2
4
G
x
-
6
3
S
-
2
4
A
R
T0
4
-
3
35
0
.
1
-
7
2
.
1A
/
NA
/
N2
4
G
x
-
8
4
S
-
2
4
A
R
T8
4
-
0
47
8
.
0
-
5
0
.
1A
/
NA
/
N2
4
x
-
1
0
D
-
2
4
A
R
T3
.
33
-
3
.
05
0
.
3
-
3
.
05
2
x
-
A
1
0
D
-
2
4
A
R
T3
.
34
-
4
.
05
4
.
2
-
4
.
05
2
x
-
3
0
D
-
2
4
A
R
T3
.
33
-
3
.
02
10
.
3
-
3
.
02
4
x
-
A
3
0
D
-
2
4
A
R
T3
.
34
-
4
.
02
14
.
2
-
3
.
02
4
x
-
7
0
D
-
2
4
A
R
T3
.
33
-
3
.
04
25
.
1
-
2
.
02
4
x
-
A
7
0
D
-
2
4
A
R
T3
.
34
-
4
.
04
22
.
1
-
2
.
02
4
x
-
3
1
D
-
2
4
A
R
T5
3
-
3
.
02
10
.
3
-
3
.
02
4
x
-
A
3
1
D
-
2
4
A
R
T5
5
-
5
.
02
10
.
2
-
3
.
02
4
x
-
B
3
1
D
-
2
4
A
R
T2
.
53
-
6
.
02
15
.
2
-
3
.
02
4
x
-
C
3
1
D
-
2
4
A
R
T2
.
55
-
6
.
02
10
.
2
-
3
.
02
4
x
-
7
1
D
-
2
4
A
R
T5
3
-
3
.
04
25
.
1
-
2
.
02
4
x
-
A
7
1
D
-
2
4
A
R
T5
5
-
5
.
04
20
.
1
-
2
.
02
4
IEC 320/C14
IEC 320/C8
IEC 320/C6


Similar Part No. - TRA42-D13-x

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
TRA4 TIANBO-TRA4 Datasheet
1Mb / 3P
   UL TV-5 rating relay
logo
MIC GROUP RECTIFIERS
TRA40L MIC-TRA40L Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40M MIC-TRA40M Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40Z MIC-TRA40Z Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
More results

Similar Description - TRA42-D13-x

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
   15 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
logo
Astrodyne Corporation
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
SPU45E TRUMPOWER-SPU45E Datasheet
58Kb / 1P
   Desktop Adapters
TRM42 TRUMPOWER-TRM42 Datasheet
94Kb / 1P
   30 ~ 42 WattsMedical Power Adapters
logo
List of Unclassifed Man...
W42 ETC1-W42 Datasheet
66Kb / 1P
   42 Watt Multiple Output Regulated Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com