Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP135-12 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP135-12
Description  120-135 Watts Medical & ITE Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP135-12 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP135-12 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP135-12 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMP135 Series
120-135 Watts Medical & ITE Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
MODELS LIST
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
p
t
u
O
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
n
e
r
r
u
C
k
a
e
P
)
2
(
t
n
e
r
r
u
C
m
u
m
i
x
a
M
r
e
w
o
P
2
1
-
5
3
1
P
M
T
V
2
1A
0
.
0
1A
0
.
0
2W
0
2
1
3
1
-
5
3
1
P
M
T
V
3
1A
3
2
.
9A
5
.
8
1W
0
2
1
5
1
-
5
3
1
P
M
T
V
6
1
~
4
1A
9
2
.
9A
6
.
8
1W
0
3
1
8
1
-
5
3
1
P
M
T
V
9
1
~
8
1A
0
5
.
7A
0
.
5
1W
5
3
1
0
2
-
5
3
1
P
M
T
V
1
2
~
0
2A
5
7
.
6A
5
.
3
1W
5
3
1
4
2
-
5
3
1
P
M
T
V
5
2
~
4
2A
3
6
.
5A
3
.
1
1W
5
3
1
8
2
-
5
3
1
P
M
T
V
9
2
~
8
2A
3
8
.
4A
8
.
5W
5
3
1
0
3
-
5
3
1
P
M
T
V
2
3
~
0
3A
0
5
.
4A
4
.
5W
5
3
1
6
3
-
5
3
1
P
M
T
V
8
3
~
6
3A
5
7
.
3A
5
.
4W
5
3
1
8
4
-
5
3
1
P
M
T
V
0
5
~
6
4A
4
9
.
2A
5
.
3W
5
3
1
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~264 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 1.60A rms @ 115 VAC
0.80A rms @ 230 VAC
Inrush Current ..................... 80A @ 115 VAC or 160A @ 230 VAC,
at 25°C cold start
Soft Start ............................... Yes
Earth Leakage Current ........ 200µA max. @ 264 VAC, 63Hz
Touch Current ...................... 100µA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Power Ratings .......... See table
Minimum Load ...................... Not required
Tolerance ............................. ±5%
Ripple and Noise* ............... 1% peak to peak max. at full load
Overvoltage Protection ........ Set at 115-140% of its nominal
output voltage
Overcurrent Protection ........ Protected to short-circuit
conditions
Temperature Coefficient ..... ±0.04%/°C max.
Transient Response ........... Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500 us after a
25% step load change
* Measured with 20MHz bandwidth at rated line voltage and output load ranges, with
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor in parallel
across the output.
GENERAL SPECIFICATIONS
Power Factor ....................... 0.98 typical @ 115 VAC
Efficiency ............................. 87% minimum at full load
Hold-up Time ....................... 15ms at 110 VAC
Switching Frequency ........... 90~160KHz
Operating Temperature ...... 0°C to +60°C
Derating ............................... Derate from 100% at +40°C linearly
to 50% at +60°C
Storage Temperature .......... -40°C to +85°C
Relative Humidity ................ 5°C to +95°C non-condensing
Withstand Voltage ............... 4000 VAC from input to output
1500 VAC from input to ground
500 VAC from output to ground
MTBF .................................... 150K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EN 55011, EN 55022 ........ Class B, conducted & radiated
FCC, VCCI ......................... Class B, conducted & radiated
EN 61000-3-2 .................... Harmonic distortion, Class A & D
EN 61000-3-3 .................... Line flicker
EN 61000-4-2 .................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 .................... Radiated immunity, 3V/m
EN 61000-4-4 .................... Fast transient/burst, ±2 KV
EN 61000-4-5 .................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 .................... Conducted immunity, 3 Vrms
EN 61000-4-8 .................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................. Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ............... UL/IEC/EN 60601-1 (3rd Edition),
ANSI/AAMI ES 60601-1 (1st Edition),
CSA C22.2 No. 60601-1 (2nd Edition),
IEC/EN 60950-1 (2nd Edition)
Agency Approvals .............. UL, cUL, TUV, CE, CB
Other Compliances .......... RoHS, CEC & Energy Star Level V
* Class I models certified to medical and ITE safety standards; Class II models
certified to medical standard only.
FEATURES
• 90~264 VAC Input, Soft Start
• 0.98 Active Power Factor
• 87% to 91% Efficiency
• High Peak Power
• Low Safety Ground Leakage Current
• Class I & Class II Models Available
• CEC & Energy Star Level V Compliance
Notes:
1) The listed P/N's are for Class I models equipped with IEC 320/C14 AC inlet.
Add suffix "C2" to order Class II models equipped with IEC 320/C18 AC inlet.
When ordering 14-50V output units, specify the requested voltage, e.g. use P/N
TMP135-18.5-C2 to order 18.5V Class II model.
2) The peak current is for 10 seconds maximum with the average power not over the
maximum power.


Similar Part No. - TMP135-12

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-05 TRUMPOWER-TMP130-05 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-07 TRUMPOWER-TMP130-07 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-10 TRUMPOWER-TMP130-10 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-12 TRUMPOWER-TMP130-12 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
More results

Similar Description - TMP135-12

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
   200-220 Watts Medical & ITE Power Adapters
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
   120 WATT MEDICAL POWER ADAPTERS
TRA150-180 TRUMPOWER-TRA150-180 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com