Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZUS1R52415 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. ZUS1R52415
Description  UL recognized, TV approved, CSA certified
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZUS1R52415 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZUS1R52415 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZUS1R52415 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZUS1R52415 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
¡DERATING CURVE
¡RISE TIME & FALL TIME (ZUS1R52405)
¡OVERCURRENT CHARACTERISTICS (ZUS1R52405)
¡STATIC CHARACTERISTICS (ZUS1R52405)
ZU/ZT
G-73
ZUS1R5
External view
Outline
¶Recomended size for
processing PCB
(TOP VIEW)
(1.25)
(8.035)
(1.25)
(1.25)
(1.25)
4-
º1.5
2-
º1.6
21.59
(19.465)
8.89
6.35
¶Dimensions in
The converter is in contact with the
slanted area of the P.C.B. To keep
isolation, adequate wiring on the
mounted side is required.
¶Div.: 0.1inch [inch]
[0.85]
[0.25]
[0.35]
mm
¶Weight: 10g or less.
¶Specification
at A part
¶Specification
at B part
¶Tolerance:
± 0.5
¶Case material: Brass
IN
OUT
2.5
2.5
27.5
8.89
(9.305)
11.43
(8.035)
21.59
(2.955)
+V
-V
-V
+V
4-º1±0.1
1±0.1
Name plate
2-A part
2-B part
Performance data


Similar Part No. - ZUS1R52415

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
More results

Similar Description - ZUS1R52415

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW1R50515 ETC2-ZUW1R50515 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW32415 ETC2-ZUW32415 Datasheet
145Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS31205 ETC2-ZUS31205 Datasheet
150Kb / 3P
   UL recognized, TV approved, CSA certified, Isolated between input-output
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz