Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3349 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK3349
Description  Silicon N Channel MOS FET High Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3349 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK3349 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3349 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3349 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3349 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3349 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3349 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3349 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3349 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK3349
4
1.0
0.8
0.6
0.4
0.2
0
24
6
8
10
0.01
0.05
0.02
50
20
10
2
5
1.0
0.5
10
8
6
4
2
–40
0
40
80
120
160
0
0.1
I
= 50mA
D
25m A
Pulse Test
Pulse Test
V
= 4V
GS
2.5 V
Pulse Test
V
= 2.5 V
GS
I
= 25m A
D
4 V
Gate to Source Voltage
V
(V)
GS
Drain to Source Satueation Voltage
vs. Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State
Resistance vs. Drain Current
Case Temperature
Tc
(°C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
10m A
10mA
10,25,50m A
0.001
0.002
0.005
0.1
0.5
0.2
0.1
0.02
0.05
0.01
0.005
25 °C
Tc = –25 °C
75 °C
V
= 10 V
Pulse Teat
DS
Drain Current I
(A)
D


Similar Part No. - 2SK3349

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
More results

Similar Description - 2SK3349

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com