Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3207 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK3207
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3207 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK3207 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3207 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3207 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3207 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3207 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK3207
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
150
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
18
A
Drain peak current
I
D(pulse)*
1
72
A
Body-drain diode reverse drain current
I
DR
18
A
Avalanche current
I
AP*
3
18
A
Avalanche energy
E
AR*
3
24
mJ
Channel dissipation
Pch*
2
35
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50Ω


Similar Part No. - 2SK3207

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK320 HITACHI-2SK320 Datasheet
48Kb / 1P
   SILICON N-CHANNEL MOS FET (HIGH SPEED POWER SWITCHING)
logo
Inchange Semiconductor ...
2SK320 ISC-2SK320 Datasheet
65Kb / 2P
   Fast Switching Speed
logo
NEC
2SK3204 NEC-2SK3204 Datasheet
42Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK3204 RENESAS-2SK3204 Datasheet
231Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
Toshiba Semiconductor
2SK3205 TOSHIBA-2SK3205 Datasheet
196Kb / 3P
   Silicon N Channel MOS Type Switching Regulator Applications DC−DC Converter, and Motor Drive Applications
More results

Similar Description - 2SK3207

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com