Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R192CPE6C-845 Datasheet(PDF) 5 Page - NEC

Part # MC-4R192CPE6C-845
Description  Direct Rambus DRAM RIMM Module 192M-BYTE 96M-WORD x 16-BIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4R192CPE6C-845 Datasheet(HTML) 5 Page - NEC

  MC-4R192CPE6C-845 Datasheet HTML 1Page - NEC MC-4R192CPE6C-845 Datasheet HTML 2Page - NEC MC-4R192CPE6C-845 Datasheet HTML 3Page - NEC MC-4R192CPE6C-845 Datasheet HTML 4Page - NEC MC-4R192CPE6C-845 Datasheet HTML 5Page - NEC MC-4R192CPE6C-845 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Data Sheet M14808EJ2V0DS00
5
MC-4R192CPE6C
Module Connector Pad Description
(1/2)
Signal
I/O
Type
Description
GND
Ground reference for RDRAM core and interface. 72 PCB connector pads.
LCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
LCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
LCMD
I
VCMOS
Serial Command used to read from and write to the control registers. Also used
for power management.
LCOL4..LCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
LCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
LCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
LDQA8..LDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQA8 is non-functional on modules with x16 RDRAM devices.
LDQB8..LDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQB8 is non-functional on modules with x16 RDRAM devices.
LROW2..LROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.
LSCK
I
VCMOS
Serial clock input. Clock source used to read from and write to the RDRAM
control registers.
NC
These pads are not connected. These 24 connector pads are reserved for future
use.
RCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
RCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
RCMD
I
VCMOS
Serial Command Input used to read from and write to the control registers. Also
used for power management.
RCOL4..RCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
RCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
RCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
RDQA8..RDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQA8 is non-functional on modules with x16 RDRAM
devices.
RDQB8..RDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQB8 is non-functional on modules with x16 RDRAM
devices.
RROW2..RROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.


Similar Part No. - MC-4R192CPE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-653 NEC-MC-4R128CEE6B-653 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-745 NEC-MC-4R128CEE6B-745 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-845 NEC-MC-4R128CEE6B-845 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6C NEC-MC-4R128CEE6C Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results

Similar Description - MC-4R192CPE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R96CPE6C NEC-MC-4R96CPE6C Datasheet
131Kb / 6P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R96CEE6B NEC-MC-4R96CEE6B Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com