Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3155 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK3155
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3155 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK3155 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3155 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SK3155
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
150
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
15
A
Drain peak current
I
D(pulse)
Note1
60
A
Body-drain diode reverse drain current
I
DR
15
A
Avalanche current
I
AP
Note3
15
A
Avalanche energy
E
AR
Note3
16
mJ
Channel dissipation
Pch
Note2
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω
Electrical Characteristics (Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage V
(BR)DSS
150
V
I
D = 10 mA, VGS = 0
Gate to source breakdown voltage V
(BR)GSS
±20
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltege drain current
I
DSS
——10
µAV
DS = 150 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
2.5
V
I
D = 1 mA, VDS = 10 V
Static drain to source on state
R
DS(on)
0.10
0.13
I
D = 8 A, VGS = 10 V
Note4
resistance
R
DS(on)
0.12
0.15
I
D = 8 A, VGS = 4 V
Note4
Forward transfer admittance
|y
fs|
8.5
14
S
I
D = 8 A, VDS = 10 V
Note4
Input capacitance
Ciss
850
pF
V
DS = 10 V
Output capacitance
Coss
300
pF
V
GS = 0
Reverse transfer capacitance
Crss
160
pF
f = 1 MHz
Turn-on delay time
t
d(on)
13
ns
I
D = 8 A, VGS = 10 V
Rise time
t
r
100
ns
R
L = 3.75 Ω
Turn-off delay time
t
d(off)
195
ns
Fall time
t
f
110
ns
Body–drain diode forward voltage
V
DF
0.9
V
I
F = 15 A, VGS = 0
Body–drain diode reverse
recovery time
t
rr
140
ns
I
F = 15 A, VGS = 0
diF/ dt = 50 A/
µs
Note:
4. Pulse test


Similar Part No. - 2SK3155

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3155 RENESAS-2SK3155 Datasheet
88Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK3155 VBSEMI-2SK3155 Datasheet
1Mb / 9P
   N-Channel 200 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3155 RENESAS-2SK3155 Datasheet
108Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3155 ISC-2SK3155 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3155-E RENESAS-2SK3155-E Datasheet
88Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3155

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com