Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2-5S4812 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TC2-5S4812
Description  DC/DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TC2-5S4812 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TC2-5S4812 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
*OUTPUT
VOLTAGE
-08/13/2014-
OUTPUT
CURRENT
OUTPUT
POWER
5W
5W
5W
5W
5W
5W
5W
1500 mA
1000 mA
417 mA
333 mA
±500 mA
±208 mA
±167 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
TC2-5S123.3
TC2-5S1205
TC2-5S1212
TC2-5S1215
TC2-5D1205
TC2-5D1212
TC2-5D1215
TC2-5S483.3
TC2-5S4805
TC2-5S4812
TC2-5S4815
TC2-5D4805
TC2-5D4812
TC2-5D4815
TC2-5S243.3
TC2-5S2405
TC2-5S2412
TC2-5S2415
TC2-5D2405
TC2-5D2412
TC2-5D2415
18-36 VDC IN
36-72 VDC IN
9-18 VDC IN
TRUMPower
DC/DC CONVERTERS
Tumbler Technologies + TRUMPower • Santa Clara, CA, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TC2 Series
2:1 Input, 5 Watts
T
*Contact the factory for other input and output combinations.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-18V Input.................................12 VDC
18-36V Input................................24 VDC
36-72V Input...............................48 VDC
Input Filter....................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy.........................................±2%, Max.
Voltage Balance, Dual Ouput..................................±1%
Line Regulation.............................................±1%, Max.
Load Regulation, FL-10% FL..........................±1%, Max.
Minimum Load......................................................10%
Ripple and Noise, 20MHz BW................100mVp-p, Max.
Short Circuit Protection...............................Continuous
Short Circuit Restart......................................Automatic
GENERAL SPECIFICATIONS
Efficiency..................................................70% to 83%
Isolation Voltage, Input to Output.......1,500 VDC, Stadard
3,000 VDC, Suffix "H"
Switching Frequency...............................100 KHz, Min.
Operating Temperature Range..................-25°C to +71°C
Derating........................3.33%/°C from +71°C to +100°C
Case Temperature.......................................100°C Max.
Storage Temperature Range...................-40°C to +125°C
Cooling...........................................Free Air Convection
EMI/RFI..........6-Side or 5-Side (Suffix "H") Shielded Case
Conducted EMI....Meets FCC Class A, EN55022 Class A
Case Material.................Metal with Non-Conductive Base
0.44
(11.27)
2.00
(50.8)
0.60
(15.2)
* NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
+IN -IN
-OUT
+OUT
0.80
(20.3)
0.20
(5.1)
0.60
(15.2)
1.00
(25.4)
BOTTOM VIEW
COM
/NP*
0.10
(2.54)
0.23
(5.8)
0.40
(10.2)
0.40
(10.2)


Similar Part No. - TC2-5S4812

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC2-112G2 MINI-TC2-112G2 Datasheet
247Kb / 1P
   RF Transformer
TC2-112G2++ MINI-TC2-112G2+ Datasheet
247Kb / 1P
   RF Transformer
TC2-1T MINI-TC2-1T Datasheet
326Kb / 1P
   RF Transformer
TC2-1T++ MINI-TC2-1T+ Datasheet
326Kb / 1P
   RF Transformer
TC2-1TG2 MINI-TC2-1TG2 Datasheet
232Kb / 1P
   RF Transformer
More results

Similar Description - TC2-5S4812

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com