Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1HMR47 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECA1HMR47
Description  Aluminum Electrolytic Capacitors/ M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1HMR47 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECA1HMR47 Datasheet HTML 1Page - Panasonic Semiconductor ECA1HMR47 Datasheet HTML 2Page - Panasonic Semiconductor ECA1HMR47 Datasheet HTML 3Page - Panasonic Semiconductor ECA1HMR47 Datasheet HTML 4Page - Panasonic Semiconductor ECA1HMR47 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aluminum Electrolytic Capacitors/ M
 EE106 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
MA
Series:
Type :
-40 to + 85
°C
6.3 to 100 V .DC
0.1 to 22000 µ F
I
0.06 CV + 10(µ A) after 2 minutes
Body Dia.
φD
Lead Dia.
φd
Lead space P
0.5
0.5
0.6
0.6
0.6
0.8
0.8
2
2.5
3.5
5
5
7.5
7.5
5
6.3
8
10
12.5
16
18
Japan
Malaysia
China
(
6.3mmdia)
L
L 16:L+1.0 max
φd±0.05
14 min
3min
φD+0.5 max
φ10<
φD+0.5 max
φ8>
L 20:L+2.0 max
Radial Lead Type
n
Features Endurance:85°C 2000 h
Smaller than series SU
RoHS directive compliant
n
Specifications
-25 to + 85
°C
160 to 450 V .DC
1 to 470 µ F
Category temp.range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
tan
δ
I
0.01 CV or 3(µ A) after 2 minutes
(Whichever is greater)
Endurance
Characteristics
at Low Temperature
Shelf Life
n
Dimensions in mm (not to scale)
Z(- 40
°C)/
Z(+20
°C)
W.V. (V)
Z(- 25
°C)/
Z(+20
°C)
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
5
4
3
2
2
2
2
2
2
2
3
5
6
6
12
10
8
5
4
3
3
3
-
-
-
-
-
-
1. Add 0.5 per 1000 µF for products of 1000 µF or more at -25
°C
2. Add 1.0 per 1000 µF for products of 1000 µF or more at -40
°C
After applying rated working voltage for 2000 hours at +85
°C and then being stabilized at
+20
°C, capacitor shall meet the following limits.
Capacitance change
tan
δ
DC leakage current
± 20% of initial measured value
150 % of initial specified value
initial specified value
After storage for 1000 hours at +85±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
(Impedance ratio at 120 Hz)
Sleeve
Vent
±20 % (120Hz/+20
°C)
Please see the attached standard products list
Standard
<
=
<
=
<
=
<
=
=
<
=
Country of Origin
(mm)


Similar Part No. - ECA1HMR47

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1HMR47 PANASONIC-ECA1HMR47 Datasheet
308Kb / 5P
   Radial Lead Type
ECA1HMR47 PANASONIC-ECA1HMR47 Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA1HMR47 PANASONIC-ECA1HMR47 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1HMR47 PANASONIC-ECA1HMR47 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA1HMR47 PANASONIC-ECA1HMR47 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA1HMR47

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-0JM102B PANASONIC-ECA-0JM102B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM221B PANASONIC-ECA-1CM221B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com