Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFSW120205-100 Datasheet(PDF) 6 Page - SYNERGY MICROWAVE CORPORATION

Part # LFSW120205-100
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW120205-100 Datasheet(HTML) 6 Page - SYNERGY MICROWAVE CORPORATION

  LFSW120205-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW120205-100
1200 - 2050 MHz
WIDE BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
[ 6 of 7 ]
HARMONIC SUPPRESSION
Ref 13 dBm
Att 40 dB
CLRWR
A
SGL
1 AP
980 MHz/
Start 900 MHz
Stop 10.7 GHz
*
3DB
RBW 300 kHz
SWT 1.65 s
*VBW 20 kHz
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
7.62 dBm
2.046474359 GHz
2
Delta 2 [T1 ]
-45.23 dB
4.099038462 GHz
3
Delta 3 [T1 ]
-50.32 dB
6.156410256 GHz
4
Delta 4 [T1 ]
-50.32 dB
6.156410256 GHz
1
Delta 1 [T1 ]
-17.15 dB
2.057371795 GHz
Date: 1.JUL.2008 08:16:13
REFERENCE SIDEBAND SUPPRESSION
Ref 13 dBm
Att 40 dB
1 AP
CLRWR
A
SGL
30 kHz/
Center 2.05 GHz
Span 300 kHz
*
*
3DB
RBW 500 Hz
VBW 1 kHz
SWT 1.2 s
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
7.72 dBm
2.050000000 GHz
2
Delta 2 [T1 ]
-65.21 dB
15.865384615 kHz
3
Delta 3 [T1 ]
-66.88 dB
30.769230769 kHz
4
Delta 4 [T1 ]
-67.24 dB
-19.711538461 kHz
1
Delta 1 [T1 ]
-64.57 dB
-10.576923077 kHz
Date: 1.JUL.2008 08:16:00


Similar Part No. - LFSW120205-100

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
LFSW100230-50 SYNERGY-LFSW100230-50 Datasheet
622Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-100 SYNERGY-LFSW110250-100 Datasheet
874Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-50 SYNERGY-LFSW110250-50 Datasheet
738Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-50 SYNERGY-LFSW150320-50 Datasheet
636Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Similar Description - LFSW120205-100

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com