Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M20-287162-45 Datasheet(PDF) 1 Page - Micross Components

Part # M20-287162-45
Description  Tight Dimensional Pocket Tolerance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

M20-287162-45 Datasheet(HTML) 1 Page - Micross Components

  M20-287162-45 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 Hellesdon Park Road, Norwich, Norfolk, NR6 5DR • +44 (0)1603 788967 • www.micross.com •
chipcomponents@micross.com
Component Applications:
• Thin Film & Chip Level / Known Good Die (KGD)
• Passive and Active Chip Components
• Opto Electronics and Mechanical Components
Features:
• Static Protective
• Tight Dimensional Pocket Tolerance
• Durable Material Construction
X
Y
A
X
Z
Waffle Tray Diagram
Waffle Tray - Dimensions (mm)
Technical Spec (mm)
X = 7.29mm ±0.13mm pocket size
Y = 4.11mm ±0.13mm pocket size
Z = 1.14mm ±0.08mm pocket depth
A = 7° ±1/2° pocket draft angle
No Cross Slots
Array = 5 X 9 (45)
Overall Tray Size:
Size = 50.67mm ±0.25mm
Height = 3.94mm +0.08mm -0.13mm
Flatness = 0.30mm
Waffle Tray – Dimensions (Inches)
Technical Spec (inches)
X = 0.287” ±0.005” pocket size
Y = 0.162” ±0.005” pocket size
Z = 0.045” ±0.003” pocket depth
A = 7° ±1/2° pocket draft angle
No Cross Slots
Array = 5 X 9 (45)
Overall Tray Size:
Size = 1.995” ±0.010”
Height = 0.155” +0.003” -0.005”
Flatness = 0.012”
Buy M20-287162-45 Waffle Tray Pack Online
Micross Kit Includes – Tray, Lid, Tyvek Paper and Clip
M20-287162-45
2” Square / 50.8mm Square Waffle Tray (BLACK)
Tray Material
Surface Resistivity
Static Delay Time (sec.)
Temperature Limit
Lid Material
Clip Material
Polypropylene with Carbon Powder and Glass Bead
10 - 10
<0.01
70˚C
Polypropylene with Carbon Powder and Glass Bead
Polypropylene with Carbon Powder
1
5


Similar Part No. - M20-287162-45

ManufacturerPart #DatasheetDescription
logo
Micross Components
M20-284296-32 MICROSS-M20-284296-32 Datasheet
618Kb / 1P
   Tight Dimensional Pocket Tolerance
More results

Similar Description - M20-287162-45

ManufacturerPart #DatasheetDescription
logo
Micross Components
M20-320-20 MICROSS-M20-320-20 Datasheet
650Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-063077-15 MICROSS-M20-063077-15 Datasheet
586Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-100125-50 MICROSS-M20-100125-50 Datasheet
644Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-270-35 MICROSS-M20-270-35 Datasheet
645Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-089114-45 MICROSS-M20-089114-45 Datasheet
639Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-150285-35 MICROSS-M20-150285-35 Datasheet
621Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-255357-22 MICROSS-M20-255357-22 Datasheet
593Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-256420-56 MICROSS-M20-256420-56 Datasheet
645Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-080-24 MICROSS-M20-080-24 Datasheet
618Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-085-24 MICROSS-M20-085-24 Datasheet
624Kb / 1P
   Tight Dimensional Pocket Tolerance
M20-095-24 MICROSS-M20-095-24 Datasheet
628Kb / 1P
   Tight Dimensional Pocket Tolerance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com