Electronic Components Datasheet Search |
|
742C08349R9FP Datasheet(PDF) 3 Page - CTS Corporation |
|
742C08349R9FP Datasheet(HTML) 3 Page - CTS Corporation |
3 / 4 page Document No. 008-0335-0 Page 3 - 4 Rev. H Chip Resistor Arrays Series 74x PACKAGE OUTLINES CONCAVE TERMINATION – TYPE C CONVEX TERMINATION – TYPE X Termination Area(all places) W L P A B T C D Termination Area (all places) W B A T C L P Part Code Configuration # Pads # Res. Circuit L W P [Typ.] TA B C D 740X043 0201 x 2 4 2 Isolated 0.80 ±0.10 0.031 ±0.004 0.60 ±0.10 0.024 ±0.004 0.50 0.020 0.35 ±0.10 0.014 ±0.004 0.35 ±0.10 0.014 ±0.004 0.175 ±0.125 0.007 ±0.005 0.15 ±0.10 0.006 ±0.004 - 741X043 0402 X 2 4 2 Isolated 1.00 ±0.20 0.039 ±0.008 0.65 0.026 0.35 ±0.10 0.014 ±0.004 0.295 ±0.135 0.012 ±0.005 0.25 ±0.10 0.010 ±0.004 0.33 ±0.15 0.013 ±0.006 741X083 0402 X 4 8 4 Isolated 0.40 ±0.15 0.016 ±0.006 0.30 ±0.15 0.012 ±0.006 0.25 ±0.20 0.010 ±0.008 0.40 ±0.15 0.016 ±0.006 741C083 0402 X 4 8 4 Isolated 0.375 ±0.125 0.015 ±0.005 0.29 ±0.11 0.011 ±0.004 0.20 ±0.10 0.008 ±0.004 0.265 ±0.115 0.011 ±0.005 N/A 741X163 0402 X 8 16 8 Isolated 3.95 ±0.25 0.156 ±0.01 1.60 ±0.15 0.063 ±0.006 0.45 ±0.10 0.018 ±0.004 0.30 ±0.10 0.012 ±0.004 0.30 ±0.15 0.012 ±0.006 0.375 ±0.175 0.0147 ±0.007 0.325 ±0.175 0.013 ±0.007 742C043 0603 X 2 4 2 Isolated 1.60 ±0.20 0.063 ±0.008 0.525 ±0.175 0.021 ±0.007 0.50 ±0.15 0.020 ±0.006 0.40 ±0.15 0.016 ±0.006 N/A 742X083 0.55 ±0.15 0.022 ±0.006 0.45 ±0.20 0.018 ±0.008 0.275 ±0.175 0.011 ±0.007 0.525 ±0.225 0.021 ±0.009 742C083 0.35 ±0.20 0.014 ±0.008 N/A 742C163 0603 X 8 16 8 Isolated 6.40 ±0.20 0.252 ±0.008 0.40 ±0.15 0.016 ±0.006 N/A 743C043 0805 X 2 4 2 Isolated 2.54 ±0.20 0.100 ±0.008 743C083 0805 X 4 8 4 Isolated 5.08 ±0.20 0.200 ±0.008 744C043 1206 X 2 4 2 Isolated 2.54 ±0.20 0.100 ±0.008 744C083 1206 X 4 8 4 Isolated 5.08 ±0.20 0.200 ±0.008 745C101 745C102 - 10 8 Bussed 6.40 ±0.20 0.252 ±0.008 3.10 ±0.30 0.126 ±0.012 0.575 ±0.125 0.025 ±0.005 0.60 ±0.15 0.024 ±0.006 0.55 ±0.30 0.022 ±0.012 N/A 745X101 745X102 - 10 8 Bussed 6.40 ±0.20 0.252 ±0.008 3.20 ±0.20 0.126 ±0.008 0.60 ±0.10 0.024 ±0.004 0.95 ±0.20 0.037 ±0.008 0.50 ±0.15 0.020 ±0.006 0.50 ±0.15 0.020 ±0.006 1.10 ±0.15 0.043 ±0.006 746X101 - 10 8 Bussed 3.20 ±0.20 0.126 ±0.008 1.60 ±0.15 0.063 ±0.006 0.64 0.025 0.60 ±0.10 0.024 ±0.004 0.35 ±0.05 0.014 ±0.002 0.30 ±0.15 0.012 ±0.006 0.35 ±0.15 0.014 ±0.006 0.45 ±0.05 0.018 ±0.002 1.27 0.050 0.525 ±0.175 0.021 ±0.007 0.50 ±0.15 0.020 ±0.006 0.50 ±0.30 0.020 ±0.012 0.80 0.032 3.20 ±0.20 0.126 ±0.008 1.27 0.050 0.60 ±0.10 0.024 ±0.004 0.80 ±0.10 0.031 ±0.006 N/A 0.55 ±0.10 0.022 ±0.004 N/A 0.20 ±0.15 0.008 ±0.006 0.40 ±0.20 0.016 ±0.008 0.55 ±0.10 0.022 ±0.004 2.00 ±0.20 0.079 ±0.008 1.27 0.050 0.60 ±0.10 0.024 ±0.004 0.80 ±0.10 0.031 ±0.006 3.20 ±0.20 0.126 ±0.008 0603 X 4 8 4 Isolated 1.00 ±0.20 0.039 ±0.008 Dimensions [mm/inch] 2.00 ±0.20 0.079 ±0.008 0.50 0.020 1.60 ±0.20 0.063 ±0.008 0.30 ±0.20 0.012 ±0.008 NOTES 1. Termination pads (e3). Barrier plating is nickel (Ni) with Matte tin (Sn) finish. 2. Reflow conditions per JEDEC-J-STD-020, +260°C maximum. RECOMMENDED LAND PATTERNS AB C D 0.900 0.300 0.300 0.500 0.035 0.012 0.012 0.020 1.800 0.500 0.400 0.670 0.071 0.020 0.016 0.026 1.800 0.500 0.300 0.500 0.071 0.020 0.012 0.020 1.800 0.500 0.300 0.500 0.071 0.020 0.012 0.020 1.800 0.500 0.300 0.500 0.071 0.020 0.012 0.020 2.600 0.800 0.450 0.800 0.102 0.031 0.018 0.031 3.000 1.000 0.650 1.270 0.118 0.039 0.026 0.050 4.200 2.200 0.650 1.270 0.165 0.087 0.026 0.050 3.900 2.100 0.900 1.270 0.154 0.083 0.035 0.050 2.600 0.800 0.350 0.640 0.102 0.031 0.014 0.025 SERIES DIMENSIONS [mm/in] 740 741X043 741X083 741C083 741X163 742 743 744 745 746 |
Similar Part No. - 742C08349R9FP |
|
Similar Description - 742C08349R9FP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |