Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC573 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. 74HC573
Description  Octal D-type transparent latch 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC573 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC573 Datasheet HTML 4Page - NXP Semiconductors 74HC573 Datasheet HTML 5Page - NXP Semiconductors 74HC573 Datasheet HTML 6Page - NXP Semiconductors 74HC573 Datasheet HTML 7Page - NXP Semiconductors 74HC573 Datasheet HTML 8Page - NXP Semiconductors 74HC573 Datasheet HTML 9Page - NXP Semiconductors 74HC573 Datasheet HTML 10Page - NXP Semiconductors 74HC573 Datasheet HTML 11Page - NXP Semiconductors 74HC573 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 15 August 2012
8 of 21
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74HC573
tpd
propagation
delay
Dn to Qn; see Figure 7
[1]
VCC = 2.0 V
-
47
150
-
190
-
225
ns
VCC = 4.5 V
-
17
30
-
38
-
45
ns
VCC =5V; CL =15pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
38
ns
tpd
propagation
delay
LE to Qn; see Figure 8
[1]
VCC = 2.0 V
-
50
150
-
190
-
225
ns
VCC = 4.5 V
-
18
30
-
38
-
45
ns
VCC =5V; CL =15pF
-
15
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
38
ns
ten
enable time
OE to Qn; see Figure 9
[2]
VCC = 2.0 V
-
44
140
-
175
-
210
ns
VCC = 4.5 V
-
16
28
-
35
-
42
ns
VCC = 6.0 V
-
13
24
-
30
-
36
ns
tdis
disable time
OE to Qn; see Figure 9
[3]
VCC = 2.0 V
-
55
150
-
190
-
225
ns
VCC = 4.5 V
-
20
30
-
38
-
45
ns
VCC = 6.0 V
-
16
26
-
33
-
38
ns
tt
transition
time
Qn; see Figure 7
[4]
VCC = 2.0 V
-
14
60
-
75
-
90
ns
VCC = 4.5 V
-
5
12
-
15
-
18
ns
VCC = 6.0 V
-
4
10
-
13
-
15
ns
tW
pulse width
LE HIGH; see Figure 8
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
tsu
set-up time
Dn to LE; see Figure 10
VCC = 2.0 V
50
11
-
65
-
75
-
ns
VCC = 4.5 V
10
4
-
13
-
15
-
ns
VCC = 6.0 V
9
3
-
11
-
13
-
ns
th
hold time
Dn to LE; see Figure 10
VCC = 2.0 V
5
3
-
5
-
5
-
ns
VCC = 4.5 V
5
1
-
5
-
5
-
ns
VCC = 6.0 V
5
1
-
5
-
5
-
ns
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI =GND to VCC
[5]
-26
-
-
-
-
-
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn