Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2937 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK2937
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2937 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK2937 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2937 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK2937
4
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
40
30
20
10
0
50
100
150
200
200
100
50
10
20
5
1
2
0.5
0.2
0.1
0.3
1
3
10
30
100
Ta = 25 °C
100
µs
1 ms
DC
Operation
(Tc
=
25°C)
10
µs
Operation in
this area is
limited by R DS(on)
50
40
30
20
10
0
2
468
10
3.5 V
4 V
5 V
V
= 3 V
GS
6 V
4.5 V
10 V
20
16
12
8
4
0
12
34
5
Tc = 75°C
25°C
–25°C
V
= 10 V
Pulse Test
DS
Pulse Test


Similar Part No. - 2SK2937

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2937 RENESAS-2SK2937 Datasheet
121Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
logo
SHENZHEN DOINGTER SEMIC...
2SK2937 DOINGTER-2SK2937 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK2937 ISC-2SK2937 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2937-E RENESAS-2SK2937-E Datasheet
121Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK2937

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com