Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74C-5 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 74C-5
Description  Telpower Indicating Fuse and Holder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

74C-5 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  74C-5 Datasheet HTML 1Page - Cooper Bussmann, Inc. 74C-5 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telpower®
70 Series
70 Type Indicating Fuse and Holder
300 Volts DC
Form No. 70 Series
Page 2 of 2
BIF Doc #5007
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
.9"
(22.9mm)
.47"
(11.9mm)
Eyelet (Optional)
.97"
(24.6mm)
1.88"
(47.6mm)
.78"
(19.8mm)
.50"
(12.7mm)
45
°
.16"
(3.9mm)
.83" Dia.
(21.0mm)
1"
(25.4mm)
Mounting
Holes
.91"
(23.0mm)
Dimensional Data
CATALOG SYMBOL: 15087 FUSEHOLDER
300 VOLT DC, 12 AMP
U.L. RECOGNIZED (GUIDE #IZLT2, FILE #E14853)
Materials:
Body:
Thermosplastic, U.L. 94VO flammability rating
Terminals:
Copper alloy, tin plating
Screws:
3-24 x 3/8” steel, zinc plated
NOTE: Optional color coded eyelet for 15087 holder is available.
• Panel mount fuseholder for 70 Type fuses supplied with
two screws.
• Remote alarm capability.
Optional Color Code Eyelets (order separately)
Amp
Amp
Catalog
Rating
Color
Catalog
Rating
Color
Symbol
Ref.
Code
Symbol
Ref.
Code
1A1706-01
18/100
Yellow
1A1706-10
3
Blue
1A1706-02
2/10
Black
1A1706-11
5
Green/Black
1A1706-03
1/4
Violet
1A1706-12
6
Green/White
1A1706-04
1/4
Violet/White
1A1706-13
8
Brown/White
1A1706-05
1/2
Red
1A1706-14
10
Violet/Yellow
1A1706-06
3/4
Brown
1A1706-15
1/10
Gray/White
1A1706-07
1
Pink
1A1706-16
3-1/2
Black/White
1A1706-08
1-1/3
White
1A1706-17
15/100
Red/White
1A1706-09
2
Orange
Rev. A
SB98107
12-16-98


Similar Part No. - 74C-5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74C00 FAIRCHILD-74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
74C00 FAIRCHILD-74C00 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
74C02 FAIRCHILD-74C02 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
74C02N FAIRCHILD-74C02N Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
74C04 FAIRCHILD-74C04 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
More results

Similar Description - 74C-5

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HKL EATON-HKL Datasheet
204Kb / 1P
   Panel-mount indicating fuse holder
logo
Cooper Bussmann, Inc.
70N-10A COOPER-70N-10A Datasheet
55Kb / 2P
   Telpower짰 Indicating Fuse and Holder 300 Volts DC ??1/10-10A
logo
Littelfuse
04820010ZXBF LITTELFUSE-04820010ZXBF Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820011ZXB LITTELFUSE-04820011ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820011ZXP LITTELFUSE-04820011ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820012ZXP LITTELFUSE-04820012ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820013ZXP LITTELFUSE-04820013ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820013ZXB LITTELFUSE-04820013ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820014ZXB LITTELFUSE-04820014ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820014ZXP LITTELFUSE-04820014ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com