Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-45V8AB641 Datasheet(PDF) 8 Page - NEC

Part # MC-45V8AB641
Description  8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-45V8AB641 Datasheet(HTML) 8 Page - NEC

  MC-45V8AB641 Datasheet HTML 1Page - NEC MC-45V8AB641 Datasheet HTML 2Page - NEC MC-45V8AB641 Datasheet HTML 3Page - NEC MC-45V8AB641 Datasheet HTML 4Page - NEC MC-45V8AB641 Datasheet HTML 5Page - NEC MC-45V8AB641 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
Data Sheet M14619EJ2V0DS00
8
MC-45V8AB641
AC characteristics
Parameter
Symbol
-A75
-A10
Unit
Note
MIN.
MAX.
MIN.
MAX.
Clock cycle time
tCK2
7.5
10
ns
Access time from CLK
tAC2
5.4
6ns
1
CLK high level width
tCH
2.5
3
ns
CLK low level width
tCL
2.5
3
ns
Data-out hold time
tOH
2.7
3
ns
1
Data-out low-impedance time
tLZ
0
0
ns
Data-out high-impedance time
tHZ2
2.5
5.4
3
6
ns
Data-in setup time
tDS
1.5
2
ns
Data-in hold time
tDH
0.8
1
ns
Address, Command, DQM setup time
tS
1.5
2
ns
Address, Command, DQM hold time
tH
0.8
1
ns
CKE setup time
tCKS
1.5
2
ns
CKE hold time
tCKH
0.8
1
ns
CKE setup time (Power down exit)
tCKSP
1.5
2
ns
Transition time
tT
0.5
30130
ns
Refresh time (4,096 refresh cycle)
tREF
64
64
ms
Mode register set cycle time
tRSC
2
2
CLK
Note 1. Output load.
Output
Z = 50
50 pF


Similar Part No. - MC-45V8AB641

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45V8AB642KS ELPIDA-MC-45V8AB642KS Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
MC-45V8AB642KS-A75 ELPIDA-MC-45V8AB642KS-A75 Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
More results

Similar Description - MC-45V8AB641

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB646 ELPIDA-MC-458CB646 Datasheet
149Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CA726 NEC-MC-458CA726 Datasheet
207Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com