Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUET812018CH00 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TUET812018CH00
Description  T8 Leds Tube Light Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TUET812018CH00 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  TUET812018CH00 Datasheet HTML 1Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 2Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 3Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 4Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 5Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 6Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 7Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 8Page - List of Unclassifed Manufacturers TUET812018CH00 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
T8 Leds Tube Light Series
8 / 9
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
Schematic Diagram before Modification
Schematic Diagram after removing the Ballast
6) Install QT-Brightek T8 leds Tube into fixture.
7) Affix included warning labels to fixtures near lamp connection/sockets of fixture so they are
visible to bulb installers.
8) Re-connect power supply and turn on switch. Tube will light.
Risk of fire or electric shock.
Install the QT-Brightek T8 retrofit LED tube(s) only in
luminaires that have the construction features and dimensions
shown in the drawings shown on this sheet.


Similar Description - TUET812018CH00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
logo
P-tec Corporation
E68I P-TEC-E68I Datasheet
208Kb / 2P
   E68i T8 LED Tube
PLSO-T8AG33000-120 P-TEC-PLSO-T8AG33000-120 Datasheet
201Kb / 2P
   G3 Series LED T8 Tube
logo
Shaanxi Reactor Micro...
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
   High-voltage linear 220V/18W/T8 tube light scheme
logo
P-tec Corporation
PLSO-T8AG5-WXXXX-60 P-TEC-PLSO-T8AG5-WXXXX-60 Datasheet
580Kb / 2P
   G5 IPS LED T8 TUBE
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
   G4 IPS LED T8 TUBE
I38I P-TEC-I38I Datasheet
1,019Kb / 7P
   I38i T8 LED Tube
E48I P-TEC-E48I Datasheet
765Kb / 8P
   E48i T8 LED Tube
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com