Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2922 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SK2922
Description  Silicon N Channel MOS FET UHF Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2922 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK2922 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SK2922
5
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
0
500
400
300
200
100
V
= 4.7 V
I
= 150 mA
f = 836.5MHz
DS
DO
0.1
0.2
0.5
1
2
5
10
2
10
5
1
V
= 0
f = 1 MHz
GS
Po
ηD
Output Power, Drain Rational
vs. Input Power
Input power Pin (mW)
Reverse Transfer Capacitance vs.
Drain to Gate Votage
Drain to Gate Voltege V
(V)
DG


Similar Part No. - 2SK2922

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2920 TOSHIBA-2SK2920 Datasheet
276Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2920 TOSHIBA-2SK2920 Datasheet
716Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2920 TOSHIBA-2SK2920 Datasheet
398Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK2920 TOSHIBA-2SK2920 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2920 TOSHIBA-2SK2920_06 Datasheet
716Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2922

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com